Electronic Components Datasheet Search
  English  ▼

X  

TA6 Datasheet(PDF) 7 Page - TiMOTION Technology Co. Ltd.

Part # TA6
Description  Max. load 6,000N (push); 4,000N (pull)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA6 Datasheet(HTML) 7 Page - TiMOTION Technology Co. Ltd.

Back Button TA6 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 10Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
TA6 Ordering Key
TA6
Version: 20230920-AG
Load and Speed
Voltage
Color
1 = 12V DC
2 = 24V DC
3 = 36V DC
1 = Black
Stroke (mm)
Retracted Length
(mm)
Functions for
Limit Switches
See page 10
1 = Two switches at full retracted / extended positions to cut current
2 = Two switches at full retracted / extended positions to cut current + third one in between to send signal
3 = Two switches at full retracted / extended positions to send signal
4 = Two switches at full retracted / extended positions to send signal + third one in between to send signal
See page 3
See page 8
See page 3
Rear Attachment
(mm)
See page 9
Special Functions
for Spindle Sub-
Assembly
Front Attachment
(mm)
See page 9
1 = Plastic, U clevis, slot 6.1, hole 10.2
0 = Without
1 = Safety nut
2 = Standard push only
3 = Standard push only + safety nut
1 = Punched hole on inner tube + plastic cap, without
slot, hole 10.2, with plastic bushing
2 = Punched hole on inner tube + plastic cap, without
slot, hole 12.2
3 = Plastic, U clevis, slot 8.2, depth 20.2, hole 10.2, for
load push < 4000N & pull < 2500N
4 = Plastic, U clevis, slot 8.2, depth 20.2, hole 12.2, for
load push < 4000N & pull < 2500N
5 = Punched hole on inner tube, without slot, hole 10.2,
with plastic bushing
6 = Punched hole on inner tube, without slot, hole 12.2
7 = Aluminum casting, U clevis, slot 6.2, depth 17.0, hole
10.2
8 = Aluminum casting, U clevis, slot 6.2, depth 17.0, hole
12.2
9 = Aluminum casting, U clevis, slot 6.2, depth 17.0, hole
10.2, with plastic T-bushing
Cable Length (mm)
Output Signals
Connector
See page 10
0 = Straight, 100
1 = Straight, 500
2 = Straight, 750
3 = Straight, 1000
4 = Straight, 1250
5 = Straight, 1500
6 = Straight, 2000
7 = Curly, 200
8 = Curly, 400
B~H = For direct cut system
See page 10
0 = Without
2 = Hall sensor * 2
1 = DIN 6P, 90° plug
2 = Tinned leads
3 = Small 01P, plug
B = Y cable (For direct cut system, non water proof, non anti pull)
P = Molex 8P, 90° plug, without anti-clip



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com