Electronic Components Datasheet Search
  English  ▼

X  

P80CL31 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # P80CL31
Description  Low voltage 8-bit microcontrollers with UART
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80CL31 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button P80CL31 Datasheet HTML 42Page - NXP Semiconductors P80CL31 Datasheet HTML 43Page - NXP Semiconductors P80CL31 Datasheet HTML 44Page - NXP Semiconductors P80CL31 Datasheet HTML 45Page - NXP Semiconductors P80CL31 Datasheet HTML 46Page - NXP Semiconductors P80CL31 Datasheet HTML 47Page - NXP Semiconductors P80CL31 Datasheet HTML 48Page - NXP Semiconductors P80CL31 Datasheet HTML 49Page - NXP Semiconductors P80CL31 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
1997 Apr 15
46
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART
P80CL31; P80CL51
Table 28 Instruction set description: Data transfer
Note
1. MOV A,ACC is not permitted.
MNEMONIC
DESCRIPTION
BYTES
CYCLES
OPCODE
(HEX)
Data transfer
MOV
A,Rr
move register to A
1
1
E*
MOV
A,direct (note 1) move direct byte to A
2
1
E5
MOV
A,@Ri
move indirect RAM to A
1
1
E6, E7
MOV
A,#data
move immediate data to A
2
1
74
MOV
Rr,A
move A to register
1
1
F*
MOV
Rr,direct
move direct byte to register
2
2
A*
MOV
Rr,#data
move immediate data to register
2
1
7*
MOV
direct,A
move A to direct byte
2
1
F5
MOV
direct,Rr
move register to direct byte
2
2
8*
MOV
direct,direct
move direct byte to direct
3
2
85
MOV
direct,@Ri
move indirect RAM to direct byte
2
2
86, 87
MOV
direct,#data
move immediate data to direct byte
3
2
75
MOV
@Ri,A
move A to indirect RAM
1
1
F6, F7
MOV
@Ri,direct
move direct byte to indirect RAM
2
2
A6, A7
MOV
@Ri,#data
move immediate data to indirect RAM
2
1
76, 77
MOV
DPTR,#data 16
load data pointer with a 16-bit constant
3
2
90
MOVC
A,@A+DPTR
move code byte relative to DPTR to A
1
2
93
MOVC
A,@A+PC
move code byte relative to PC to A
1
2
83
MOVX
A,@Ri
move external RAM (8-bit address) to A
1
2
E2, E3
MOVX
A,@DPTR
move external RAM (16-bit address) to A
1
2
E0
MOVX
@Ri,A
move A to external RAM (8-bit address)
1
2
F2, F3
MOVX
@DPTR,A
move A to external RAM (16-bit address)
1
2
F0
PUSH
direct
push direct byte onto stack
2
2
C0
POP
direct
pop direct byte from stack
2
2
D0
XCH
A,Rr
exchange register with A
1
1
C*
XCH
A,direct
exchange direct byte with A
2
1
C5
XCH
A,@Ri
exchange indirect RAM with A
1
1
C6, C7
XCHD
A,@Ri
exchange LOW-order digit indirect RAM with A
1
1
D6, D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com