Electronic Components Datasheet Search
  English  ▼

X  

P80CL31 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P80CL31
Description  Low voltage 8-bit microcontrollers with UART
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80CL31 Datasheet(HTML) 4 Page - NXP Semiconductors

  P80CL31 Datasheet HTML 1Page - NXP Semiconductors P80CL31 Datasheet HTML 2Page - NXP Semiconductors P80CL31 Datasheet HTML 3Page - NXP Semiconductors P80CL31 Datasheet HTML 4Page - NXP Semiconductors P80CL31 Datasheet HTML 5Page - NXP Semiconductors P80CL31 Datasheet HTML 6Page - NXP Semiconductors P80CL31 Datasheet HTML 7Page - NXP Semiconductors P80CL31 Datasheet HTML 8Page - NXP Semiconductors P80CL31 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
1997 Apr 15
4
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART
P80CL31; P80CL51
4
ORDERING INFORMATION
Note
1. Refer to the Order Entry Form (OEF) for this device for the full type number, including options/program.
TYPE NUMBER(1)
PACKAGE
ROMless
ROM
NAME
DESCRIPTION
VERSION
P80CL31HFP
P80CL51HFP
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1
P80CL31HFT
P80CL51HFT
VSO40 plastic very small outline package; 40 leads
SOT158-1
P80CL31HFH
P80CL51HFH
QFP44 plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2
−
P80C51HFP
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1
−
P80C51HFT
VSO40 plastic very small outline package; 40 leads
SOT158-1
−
P80C51HFH
QFP44 plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com