Electronic Components Datasheet Search
  English  ▼

X  

P80CL31 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P80CL31
Description  Low voltage 8-bit microcontrollers with UART
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80CL31 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P80CL31 Datasheet HTML 13Page - NXP Semiconductors P80CL31 Datasheet HTML 14Page - NXP Semiconductors P80CL31 Datasheet HTML 15Page - NXP Semiconductors P80CL31 Datasheet HTML 16Page - NXP Semiconductors P80CL31 Datasheet HTML 17Page - NXP Semiconductors P80CL31 Datasheet HTML 18Page - NXP Semiconductors P80CL31 Datasheet HTML 19Page - NXP Semiconductors P80CL31 Datasheet HTML 20Page - NXP Semiconductors P80CL31 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
1997 Apr 15
17
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART
P80CL31; P80CL51
11 TIMERS/EVENT COUNTERS
The P80CLx1 contains two16-bit timer/event counter
registers; Timer 0 and Timer 1, which can perform the
following functions:
• Measure time intervals and pulse durations
• Count events
• Generate interrupt requests.
In the ‘Timer’ operating mode the register is incremented
every machine cycle. Since a machine cycle consists of 12
oscillator periods, the count rate is 1
⁄12 × fosc.
In the ‘Counter’ operating mode, the register is
incremented in response to a HIGH-to-LOW transition.
Since it takes 2 machine cycles (24 oscillator periods) to
recognize a HIGH-to-LOW transition, the maximum count
rate is 1
⁄24 × fosc. To ensure a given level is sampled, it
should be held for at least one complete machine cycle.
Timer 0 and Timer 1 can be programmed independently to
operate in four modes:
Mode 0 8-bit timer or 8-bit counter each with divide-by-32
prescaler.
Mode 1 16-bit time-interval or event counter.
Mode 2 8-bit time-interval or event counter with automatic
reload upon overflow.
Mode 3 Timer 0 establishes TL0 and TH0 as two
separate counters.
12 REDUCED POWER MODES
There are two software selectable modes of reduced
activity for further power reduction: Idle and Power-down.
12.1
Idle mode
Idle mode operation permits the external interrupts, UART,
and timer blocks to continue to function while the clock to
the CPU is halted.
Idle mode is entered by setting the IDL bit in the Power
Control Register (PCON.0, see Table 2). The instruction
that sets IDL is the last instruction executed in the normal
operating mode before the Idle mode is activated.
Once in Idle mode, the CPU status is preserved along with
the Stack Pointer, Program Counter, Program Status
Word and Accumulator. The RAM and all other registers
maintain their data during Idle mode. The status of the
external pins during Idle mode is shown in Table 3.
The following functions remain active during the Idle
mode:
• Timer 0 and Timer 1
• UART
• External interrupt.
These functions may generate an interrupt or reset; thus
ending the Idle mode.
There are two ways to terminate the Idle mode:
1. Activation of any enabled interrupt will cause IDL
(PCON.0) to be cleared by hardware thus terminating
the Idle mode. The interrupt is serviced, and following
the RETI instruction, the next instruction to be
executed will be the one following the instruction that
put the device in the Idle mode. The flag bits GF0
(PCON.2) and GF1 (PCON.3) may be used to
determine whether the interrupt was received during
normal execution or during the Idle mode.
For example, the instruction that writes to PCON.0 can
also set or clear one or both flag bits. When the Idle
mode is terminated by an interrupt, the service routine
can examine the status of the flag bits.
2. The second way of terminating the Idle mode is with an
external hardware reset. Since the oscillator is still
running, the hardware reset is required to be active for
two machine cycles (24 oscillator periods) to complete
the reset operation. Reset redefines all SFRs but does
not affect the on-chip RAM.
12.2
Power-down mode
Operation in Power-down mode freezes the oscillator.
The internal connections which link both Idle and
Power-down signals to the clock generation circuit are
shown in Fig.9.
Power-down mode is entered by setting the PD bit in the
Power Control Register (PCON.1, see Table 2).
The instruction that sets PD is the last executed prior to
going into the Power-down mode.
Once in the Power-down mode, the oscillator is stopped.
The contents of the on-chip RAM and the SFRs are
preserved. The port pins output the value held by their
respective SFRs. ALE and PSEN are held LOW.
In the Power-down mode, VDD may be reduced to
minimize circuit power consumption. The supply voltage
must not be reduced until the Power-down mode is
entered, and must be restored before the hardware reset
is applied which will free the oscillator. Reset should not be
released until the oscillator has restarted and stabilized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com