Electronic Components Datasheet Search
  English  ▼

X  

P80CL31 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P80CL31
Description  Low voltage 8-bit microcontrollers with UART
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80CL31 Datasheet(HTML) 2 Page - NXP Semiconductors

  P80CL31 Datasheet HTML 1Page - NXP Semiconductors P80CL31 Datasheet HTML 2Page - NXP Semiconductors P80CL31 Datasheet HTML 3Page - NXP Semiconductors P80CL31 Datasheet HTML 4Page - NXP Semiconductors P80CL31 Datasheet HTML 5Page - NXP Semiconductors P80CL31 Datasheet HTML 6Page - NXP Semiconductors P80CL31 Datasheet HTML 7Page - NXP Semiconductors P80CL31 Datasheet HTML 8Page - NXP Semiconductors P80CL31 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
1997 Apr 15
2
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART
P80CL31; P80CL51
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
2.1
Versions: P80CL31 and P80C51
3
APPLICATIONS
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
FUNCTIONAL DIAGRAM
7
PINNING INFORMATION
7.1
Pinning
7.2
Pin description
8
FUNCTIONAL DESCRIPTION OVERVIEW
8.1
General
8.2
CPU timing
9
MEMORY ORGANIZATION
9.1
Program Memory
9.2
Data Memory
9.3
Special Function Registers (SFRs)
9.4
Addressing
10
I/O FACILITIES
10.1
Ports
10.2
Port options
10.3
Port 0 options
10.4
SET/RESET options
11
TIMERS/EVENT COUNTERS
12
REDUCED POWER MODES
12.1
Idle mode
12.2
Power-down mode
12.3
Wake-up from Power-down mode
12.4
Power Control Register (PCON)
12.5
Status of external pins
13
STANDARD SERIAL INTERFACE SIO0:
UART
13.1
Multiprocessor communications
13.2
Serial Port Control and Status Register
(S0CON)
13.3
Baud rates
14
INTERRUPT SYSTEM
14.1
External interrupts INT2 to INT9
14.2
Interrupt priority
14.3
Interrupt registers
15
OSCILLATOR CIRCUITRY
16
RESET
16.1
External reset using the RST pin
16.2
Power-on-reset
17
MASK OPTIONS FOR P80CL31 AND P80C51
17.1
P80CL31: ROMless version
17.2
P80C51: 5V standard version
18
SPECIAL FUNCTION REGISTERS
OVERVIEW
19
INSTRUCTION SET
20
LIMITING VALUES
21
DC CHARACTERISTICS FOR P80CL31 AND
P80CL51
22
DC CHARACTERISTICS FOR P80C51
23
AC CHARACTERISTICS
24
P85CL000HFZ ‘PIGGY-BACK’
SPECIFICATION
24.1
General description
24.2
Feature differences/additional features with
respect to P80CL51
24.3
Common specification/feature differences
between P85CL000HFZ and
P83CL410/P80CL51
25
PACKAGE OUTLINES
26
SOLDERING
26.1
Introduction
26.2
DIP
26.3
QFP and VSO
27
DEFINITIONS
28
LIFE SUPPORT APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com