| Electronic Components Datasheet Search |
|
P82C150 Datasheet(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P82C150 Datasheet(HTML) 20 Page - NXP Semiconductors |
|
20 / 36 page ![]() 1996 Jun 19 20 Philips Semiconductors Preliminary specification CAN Serial Linked I/O device (SLIO) with digital and analog port functions P82C150 7.4 Initialization 7.4.1 IDENTIFIER PROGRAMMING Most of the P82C150 identifier bits are fixed. Four bits are programmable via port pins P3 to P0. All output drivers are disabled at reset, also P3 to P0. Thus the outputs are floating unless the input level is defined by external components to define identifier bits. They are latched at the end of reset, and P3 to P0 can be used as port pins. It is not allowed, according to the CAN protocol specification, that multiple bus nodes transmit the same identifier bit combination. Therefore a P82C150 must have one of the 16 possible identifier bit combinations, one that is not yet occupied. 7.4.2 RESET FUNCTION RST = HIGH disables all output drivers P16 to P0, TX0 and TX1. All I/O Registers are automatically cleared and set to logic 0. The bit time is set greater than 50 µs. If a particular clock period is necessary, e.g. for a dedicated DPM output frequency, this can be achieved by feeding an external clock signal into P0. RST and TEST must be permanently HIGH for this special mode. A reset is then performed as usual (RST = HIGH; TEST = LOW). Table 14 Situation after RESET 7.4.3 BIT TIME CALIBRATION The P82C150 must receive at least three messages to calibrate its bit time after reset or change of bus mode. The first message is used to detect the bit time length (rough calibration) between two consecutive falling edges at the output of the CAN input comparator. Therefore the bit stream should contain a sequence of ‘1010’. STATUS BITS IDENTIFIER BITS RSTD = 1 ID.8 equals P3 EW = 1 ID.5 equals P2 BM1 = 0 ID.4 equals P1 BM0 = 0 ID.3 equals P0 After rough calibration the P82C150 can receive any valid CAN message correctly and executes respective commands without giving an acknowledge. With another valid CAN message and additionally with one valid calibration message the P82C150 is fully calibrated and sends its ‘sign-on’ message. As long as the P82C150 is fully calibrated the P82C150 acts as an active CAN node. The P82C150 treats any CAN message (including the calibration message) as a valid message, when these messages are terminated by an error passive frame because of a missing acknowledge. This situation may occur whenever a host node works together with P82C150’s and the host node doesn’t receive an acknowledge as long as the P82C150’s are not fully calibrated. 7.4.3.1 Sign-on message This special Data Frame is transmitted once by the P82C150 after entering the calibrated state. It indicates to the host node that the P82C150 is ready for transmission. The sign-on message returns the contents of the Data Input Register, and can be recognized by the host mode by checking the RSTD status bit: • Sign-on message RSTD = 1 • Other Data Frames RSTD = 0 Note that in the sign-on message the EW bit is logic 1. Nevertheless the P82C150 status with the error counters are set to logic 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |