Electronic Components Datasheet Search
  English  ▼

X  

P82C150 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P82C150
Description  CAN Serial Linked I/O device SLIO with digital and analog port functions
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82C150 Datasheet(HTML) 4 Page - NXP Semiconductors

  P82C150 Datasheet HTML 1Page - NXP Semiconductors P82C150 Datasheet HTML 2Page - NXP Semiconductors P82C150 Datasheet HTML 3Page - NXP Semiconductors P82C150 Datasheet HTML 4Page - NXP Semiconductors P82C150 Datasheet HTML 5Page - NXP Semiconductors P82C150 Datasheet HTML 6Page - NXP Semiconductors P82C150 Datasheet HTML 7Page - NXP Semiconductors P82C150 Datasheet HTML 8Page - NXP Semiconductors P82C150 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
1996 Jun 19
4
Philips Semiconductors
Preliminary specification
CAN Serial Linked I/O device (SLIO) with
digital and analog port functions
P82C150
4
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
P82C150
ERROR
MANAGEMENT
LOGIC
RXO
21
RX1
22
19
18
BIT STREAM
PROCESSOR
input
comparator
TRANSMIT/
RECEIVE
LOGIC
PORT
LOGIC
IDENTIFIER
LATCH
23
4
20
OSCILLATOR
AND
CALIBRATOR
clock
8
REF
AVDD
VDD
+5 V
+5 V
9 to 16
5, 6, 7
1, 2, 3
P8 to P15
P5 to P7
P2 to P4
P0/CLK, P1
AV
SS
MHA064
CAN-bus
CAN-bus
17
P16
XMOD
25
26
TX1
TX0
RST
16 I/O
port pins
1/2 AV
DD
+
REFERENCE
VOLTAGE
27, 28
bus mode
bus mode
I/O
REGISTERS
24
V
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com