| Electronic Components Datasheet Search |
|
P82C150 Datasheet(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P82C150 Datasheet(HTML) 25 Page - NXP Semiconductors |
|
25 / 36 page ![]() 1996 Jun 19 25 Philips Semiconductors Preliminary specification CAN Serial Linked I/O device (SLIO) with digital and analog port functions P82C150 11 APPLICATION INFORMATION 11.1 Maximum bus length The bit timing parameters refer to using a P8xCE598 or P8xC592 microcontroller with on-chip CAN interface as a host node (see Fig.20). 11.1.1 ASSUMPTIONS • The total in/out delay of external transceiver circuit is less than 180 ns (e.g. PCA82C250 CAN transceiver; see Fig.20). • The propagation delay on the transmission medium is 5.0 ns/m. Table 15 Maximum bus length for CAN-bus systems with P82C150 nodes. Notes 1. tprop is the maximum propagation delay between two CAN-bus nodes (delays of on- and off-chip transceiver circuits included). 2. BTR0 and BTR1 (hex values) are particular configuration registers referring to bit timing. BIT RATE (kbit/s) tprop(1) ( µs) INDICATION FOR MAXIMUM BUS LENGTH (m) BIT TIMING (P8xCE598/P8xC592) fCLK (MHz) BTR0(2) BTR1(2) 125 0.8 25 15 C5H 34H 100 1 45 16 C7H 34H 50 2 145 16 CFH 34H 20 5 445 16 E7H 34H 11.2 Start up sequence The following start-up sequence, illustrated by Figures 10 and 11, shows a simple example how P82C150 nodes can be controlled from a host node. This application example works with different system configurations: • One conventional crystal-controlled CAN node and one or more P82C150 nodes. • More than one conventional crystal-controlled CAN node and one or more P82C150 nodes. Fig.10 General start-up procedure for CAN-bus systems with P82C150 nodes. handbook, halfpage Power-on MHA077 Initialization of host node's CAN controller Wait until all P82C150 nodes are assumed to have finished Power-on-reset Periodic calibration (transmit calibration message with a repetition period of maximum 8000 bit times) Start-up bit time calibration procedure (1) (1) See Fig.11. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |