Electronic Components Datasheet Search
  English  ▼

X  

P82C150 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # P82C150
Description  CAN Serial Linked I/O device SLIO with digital and analog port functions
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82C150 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button P82C150 Datasheet HTML 24Page - NXP Semiconductors P82C150 Datasheet HTML 25Page - NXP Semiconductors P82C150 Datasheet HTML 26Page - NXP Semiconductors P82C150 Datasheet HTML 27Page - NXP Semiconductors P82C150 Datasheet HTML 28Page - NXP Semiconductors P82C150 Datasheet HTML 29Page - NXP Semiconductors P82C150 Datasheet HTML 30Page - NXP Semiconductors P82C150 Datasheet HTML 31Page - NXP Semiconductors P82C150 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
1996 Jun 19
28
Philips Semiconductors
Preliminary specification
CAN Serial Linked I/O device (SLIO) with
digital and analog port functions
P82C150
11.6
Using ADC
The application in Fig.16 can be used for analog-to-digital
conversion for only one analog input signal. The
evaluation of ADC were done with the values
R1 = R2 = 100 k
Ω and C = 3.3 nF; under these conditions
the ADC may reach an accuracy of 7 to 8 bit (depends on
application). The external components should be
connected close to the port pins P15 and P16 with short
wiring to avoid disturbances at the analog input
port pin P15.
Using the on-chip multiplex function the P82C150 provides
up to six input port pins to convert analog input signals to
digital values (see Fig.17).
The period for one ADC cycle is identical to the length of
one DPM cycle.
11.7
Using analog input port functions
Figure 18 shows the wide range of analog input
applications:
• Comparison of two analog input signals.
• Comparison of one analog input signal against a fixed
threshold.
• Window comparator including monitoring the
comparator outputs at the port pins P8 and P9;
additional automatically generated messages, when the
corresponding port bits in the Negative Edge and/or
Positive Edge register are set.
• Local control two-step system.
Fig.16 ADC implementation.
handbook, halfpage
P82C150
P16
R1
R2
C
P15
one analog input signal
for A/D conversion
MHA076
Fig.17 Two multiplexed analog input signals
switched for analog-to-digital conversion
(maximum 6 signals; see Fig.5).
handbook, halfpage
P82C150
feedback
P15
P16
P14
analog signal
P5
P6
V
t
V
t
MHA075
SW3 to
SW1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com