Electronic Components Datasheet Search
  English  ▼

X  

P82C150 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # P82C150
Description  CAN Serial Linked I/O device SLIO with digital and analog port functions
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82C150 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button P82C150 Datasheet HTML 20Page - NXP Semiconductors P82C150 Datasheet HTML 21Page - NXP Semiconductors P82C150 Datasheet HTML 22Page - NXP Semiconductors P82C150 Datasheet HTML 23Page - NXP Semiconductors P82C150 Datasheet HTML 24Page - NXP Semiconductors P82C150 Datasheet HTML 25Page - NXP Semiconductors P82C150 Datasheet HTML 26Page - NXP Semiconductors P82C150 Datasheet HTML 27Page - NXP Semiconductors P82C150 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
1996 Jun 19
24
Philips Semiconductors
Preliminary specification
CAN Serial Linked I/O device (SLIO) with
digital and analog port functions
P82C150
Notes to the DC characteristics:
1. Alteration of VDD between two calibration messages should not exceed 0.2 V to avoid failures during CAN
message transfer. If CAN devices according to CAN specification V1.0 or V1.1 (like the 82C200 V0 or V1) are in the
same network with the 82C150, then this alteration of VDD should be limited to 0.1V for the 82C150.
2. These values are characterized but not 100% production tested.
3. The TX0 output pin is an open drain pull-down driver (no pull-up driver included).
4. The TX1 output pin is an open drain pull-up driver (no pull-down driver included).
10 AC CHARACTERISTICS
VDD =5V ± 4%; VSS =0V; CL = 100 pF (output pins); Tamb = −40 to +85 °C and Tamb = −40 to +125 °C; unless
otherwise specified.
Notes
1. Other bit time values are possible with the external oscillator mode (refer to Chapter 11.3).
2. These values are characterized but not 100% production tested.
OC1 comparator input P15
Vi sw
input switch-over voltage
1.5 V < VI <(AVDD − 1.5 V);
note 2
lower threshold
0.5VDD − 0.02
V
upper threshold
−
0.5VDD + 0.02
V
ILI2
input leakage current
0.45 V < VI <VDD − 0.45 V
−±400
nA
CIA
analog input capacitance
note 2
−
20
pF
Analog switches; ION =
±4mA
RON
On resistance
between P5 to P9, P13 and
P14; note 2
20
200
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
fCLK_INT
system clock frequency on-chip
internal oscillator
4
10
MHz
tbit
bit time on CAN-bus
note 1
8
50
µs
tRST1
min. RST pulse width after power on
note 2
150
−
ms
tRST2
min. RST pulse width during operation
note 2
1
−µs
thold
ID hold time after end of reset
note 2
100
−
ns
td
total signal delay of CAN input comparator and
CAN output driver
0.3AVDD <VI < 0.7AVDD;
note 2
−
100
ns
trep
max. time without recalibration message
−
8000
bit
Analog-to-digital comparator input P15
tcyc
analog-to-digital conversion cycle time
0.4
1.1
ms
tinit
initialization time of analog-to-digital conversion
0.4
2.1
ms
OC2 comparator P12, P13 and OC3 comparator P10, P11
tresp
response time
VDIF1 = ±100 mV; note 2
1
µs
DPM1 and DPM2 outputs
tDPM
repetition time of DPM cycle
0.4
1.1
ms
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com