Electronic Components Datasheet Search
  English  ▼

X  

P83C528 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # P83C528
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C528 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button P83C528 Datasheet HTML 41Page - NXP Semiconductors P83C528 Datasheet HTML 42Page - NXP Semiconductors P83C528 Datasheet HTML 43Page - NXP Semiconductors P83C528 Datasheet HTML 44Page - NXP Semiconductors P83C528 Datasheet HTML 45Page - NXP Semiconductors P83C528 Datasheet HTML 46Page - NXP Semiconductors P83C528 Datasheet HTML 47Page - NXP Semiconductors P83C528 Datasheet HTML 48Page - NXP Semiconductors P83C528 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
1997 Dec 15
45
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
17.1
Power-on reset
When VDD is turned on, and provided its rise-time does not
exceed 10 ms, an automatic reset can be obtained by
connecting the RST pin to VDD via a 2.2 µF capacitor.
When the power is switched on, the voltage on the RST pin
is equal to VDD minus the capacitor voltage, and
decreases from VDD as the capacitor charges through the
internal resistor (RRST) to ground. The larger the capacitor,
the more slowly VRST decreases. VRST must remain above
the lower threshold of the Schmitt trigger long enough to
effect a complete reset. The time required is the oscillator
start-up time, plus 2 machine cycles, or 16 x 2048 cycles
of the on-chip watchdog oscillator if it is running, whichever
is longer (see Fig.25).
Fig.25 Power-on reset.
handbook, halfpage
VDD
V
DD
RST
2.2
µF
R RST
MBC474
P83C528



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com