Electronic Components Datasheet Search
  English  ▼

X  

P83C528 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # P83C528
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C528 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button P83C528 Datasheet HTML 31Page - NXP Semiconductors P83C528 Datasheet HTML 32Page - NXP Semiconductors P83C528 Datasheet HTML 33Page - NXP Semiconductors P83C528 Datasheet HTML 34Page - NXP Semiconductors P83C528 Datasheet HTML 35Page - NXP Semiconductors P83C528 Datasheet HTML 36Page - NXP Semiconductors P83C528 Datasheet HTML 37Page - NXP Semiconductors P83C528 Datasheet HTML 38Page - NXP Semiconductors P83C528 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
1997 Dec 15
35
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
13.2.1
READING OR WRITING THE S1BIT SFR
Reading or writing the S1BIT SFR starts an I2C bit I/O
sequence: some flags are cleared (SI, CLH, RBF, WBF),
clock stretching is finished and the auto-clock is started.
An auto-clock pulse is 'OR-ed' with SCO and thus will be
output only if the SCO flag has been set to 0. SCO = 1
inhibits the auto-clock start, so a dummy read or write of
S1BIT SFR can be used to finish clock stretching and clear
SI, CLH, RBF and WBF if the auto-clock is not used.
The auto-clock is an active HIGH SCL pulse that starts 28
XTAL clock periods after the SDI read or SDO write via
S1BIT. The duration of the auto-clock pulse is 100 XTAL
clock periods. If the SCL line is kept LOW by any device
that wants to hold up the bus transfer, the auto-clock
counter waits after 20 XTAL clock periods so that the
auto-clock pulse length will be at least 80 XTAL clock
periods (5
µs at fOSC = 16 MHz).
Every bit I/O should be followed by a RBF or WBF bit test.
A bit transfer has been finished successfully if after reading
a bit the RBF flag is 1 or after writing a bit the WBF flag is
1. When after reading a bit the RBF flag is still 0, the bus
status just before the S1SCS status read can be
determined as follows:
• if CLH = 0 then a bus device is still stretching the clock
• if SCI = 1 while CLH = 1 then the SCL pulse is not
finished
• if BB = 0 there has been a STOP condition.
When after writing a bit the WBF flag is still 0 and none of
the 3 status conditions mentioned for RBF are found then
a 'bus arbitration lost' condition will be the cause. This can
be determined also from the states of the received bit and
the last transmitted bit: 'arbitration loss' if SDO = 1 and
SDI = 0.
13.3
Control and Status Register for the I2C-bus (S1SCS)
Table 19 Control and Status register for the I2C-bus (address D8H)
Notes
1. SDI and SCI bits: read-modify-write operations like 'SETB bit' or 'CLR bit' access SDO and SCO for reading and
writing.
2. CLH bit: writing a logic 0 clears this bit, writing a 1 has no effect.
3. RBF and WBF bits: writing a logic 0 to CLH also clears these bits.
4. X = don't care.
76543210
READ
SDI(1)
SCI(1)
CLH(2)
BB
RBF(3)
WBF(4)
STR
ENS
WRITE
SDO
SCO
CLH(2)
X
X
X
STR
ENS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com