Electronic Components Datasheet Search
  English  ▼

X  

P83C528 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P83C528
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C528 Datasheet(HTML) 4 Page - NXP Semiconductors

  P83C528 Datasheet HTML 1Page - NXP Semiconductors P83C528 Datasheet HTML 2Page - NXP Semiconductors P83C528 Datasheet HTML 3Page - NXP Semiconductors P83C528 Datasheet HTML 4Page - NXP Semiconductors P83C528 Datasheet HTML 5Page - NXP Semiconductors P83C528 Datasheet HTML 6Page - NXP Semiconductors P83C528 Datasheet HTML 7Page - NXP Semiconductors P83C528 Datasheet HTML 8Page - NXP Semiconductors P83C528 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
1997 Dec 15
4
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITION
MIN.
MAX.
UNIT
P83C524, P80C528, P83C528 (see characteristics tables for extended temperature range versions)
VDD
supply voltage range
4.5
5.5
V
IDD
supply current: operating modes 16 MHz
VDD = 5.5 V, fCLK = 16 MHz
−
33
mA
IID
supply current: Idle mode 16 MHz
VDD = 5.5 V, fCLK = 16 MHz
−
6mA
IPD
supply current: Power-down mode
2V
≤ VPD ≤ VDD max.
−
100
µA
Ptot
total power dissipation
−
1W
Tstg
storage temperature range
−65
+150
°C
Tamb
operating ambient temperature range
−40
+85
°C
EXTENDED
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE (
°C)
FREQ.
(MHZ)
NAME
DESCRIPTION
VERSION
ROMless
P80C528EBP
DIP40
plastic dual in-line package;
40 leads (600 mil)
SOT129-1
0 to +70
3.5 to 16
P80C528EFP
−40 to +85
P80C528IBP
0 to +70
3.5 to 24
P80C528IFP
−40 to +85
P80C528EBA
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
0 to +70
3.5 to 16
P80C528EFA
−40 to +85
P80C528IBA
0 to +70
3.5 to 24
P80C528IFA
−40 to +85
P80C528EBB
QFP44
plastic quad flat package;
44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2
0 to +70
3.5 to 16
P80C528EFB
−40 to +85
P80C528IBB
0 to +70
3.5 to 24
P80C528IFB
−40 to +85
ROM
P83C524EBP
DIP40
plastic dual in-line package;
40 leads (600 mil)
SOT129-1
0 to +70
3.5 to 16
P83C524EFP
−40 to +85
P83C524IBP
0 to +70
3.5 to 24
P83C524IFP
−40 to +85
P83C524EBA
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
0 to +70
3.5 to 16
P83C524EFA
−40 to +85
P83C524IBA
0 to +70
3.5 to 24
P83C524IFA
−40 to +85
P83C524EBB
QFP44
plastic quad flat package;
44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2
0 to +70
3.5 to 16
P83C524EFB
−40 to +85
P83C524IBB
0 to +70
3.5 to 24
P83C524IFB
−40 to +85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com