Electronic Components Datasheet Search
  English  ▼

X  

P83C528 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # P83C528
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C528 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button P83C528 Datasheet HTML 21Page - NXP Semiconductors P83C528 Datasheet HTML 22Page - NXP Semiconductors P83C528 Datasheet HTML 23Page - NXP Semiconductors P83C528 Datasheet HTML 24Page - NXP Semiconductors P83C528 Datasheet HTML 25Page - NXP Semiconductors P83C528 Datasheet HTML 26Page - NXP Semiconductors P83C528 Datasheet HTML 27Page - NXP Semiconductors P83C528 Datasheet HTML 28Page - NXP Semiconductors P83C528 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
1997 Dec 15
25
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
11.1.2
TIMER/COUNTER CONTROL REGISTER (TCON)
Table 7
Timer/Counter Control register (address 88H)
Table 8
Description of the TCON bits
76543210
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
BIT
SYMBOL
FUNCTION
7
TF1
Timer 1 overflow flag: set by hardware on timer/counter overflow. Cleared when
interrupt is processed.
6
TR1
Timer 1 run control bit: set/cleared by software to turn timer/counter ON/OFF.
5
TF0
Timer 0 overflow flag: set by hardware on timer/counter overflow. Cleared when
interrupt is processed.
4
TR0
Timer 0 run control bit: set/cleared by software to turn timer/counter ON/OFF.
3
IE1
Interrupt 1 edge flag: set by hardware when external interrupt is detected. Cleared
when interrupt is processed.
2
IT1
Interrupt 1 type control bit: set/cleared by software to specify falling edge/LOW level
triggered external interrupt.
1
IE0
Interrupt 0 edge flag: set by hardware when external interrupt is detected. Cleared
when interrupt is processed.
0
IT0
Interrupt 0 type control bit: set/cleared by software to specify falling edge/LOW level
triggered external interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com