Electronic Components Datasheet Search
  English  ▼

X  

P83C528 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # P83C528
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C528 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button P83C528 Datasheet HTML 60Page - NXP Semiconductors P83C528 Datasheet HTML 61Page - NXP Semiconductors P83C528 Datasheet HTML 62Page - NXP Semiconductors P83C528 Datasheet HTML 63Page - NXP Semiconductors P83C528 Datasheet HTML 64Page - NXP Semiconductors P83C528 Datasheet HTML 65Page - NXP Semiconductors P83C528 Datasheet HTML 66Page - NXP Semiconductors P83C528 Datasheet HTML 67Page - NXP Semiconductors P83C528 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
1997 Dec 15
64
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
handbook, full pagewidth
MBC480
2.0 V
0.8 V
2.4 V
0.45 V
2.0 V
0.8 V
2.4 V
0.45 V
float
(b)
(a)
2.4 V
0.45 V
2.0 V
0.8 V
2.0 V
0.8 V
test points
Fig.31 AC testing input, output waveform (a) and float waveform (b).
AC testing inputs are driven at 2.4 V for a logic 1 and 0.45 V for a logic 0. Timing measurements
are taken at 2.0 V for a logic 1 and 0.8 V for logic 0 see (a). The float state is defined as the point
at which a Port 0 pin sinks 3.2 mA or sources 400
µA at the voltage test levels see (b).
Fig.32 External clock drive XTAL1.
See Table 36.
handbook, full pagewidth
MBC479
t HIGH
t LOW
t CK
t r
t f
VIH1
V IH1
0.8 V
0.8 V
VIH1
VIH1
0.8 V
0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com