Electronic Components Datasheet Search
  English  ▼

X  

CPS12 Datasheet(PDF) 4 Page - Endress+Hauser Group Services AG

Part # CPS12
Description  Orbisint CPS12/CPS12D/CPS13
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS12 Datasheet(HTML) 4 Page - Endress+Hauser Group Services AG

  CPS12 Datasheet HTML 1Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Orbisint CPS12 / CPS12D / CPS13
4
Endress+Hauser
Input
Measured variables
Redox potential
Measuring range
-1500 ... 1500 mV
" Caution!
Please note the process operating conditions.
Installation
Installation instructions
Do not install the electrode upside down. The inclination angle must be at least 15° from the horizontal. A
smaller inclination angle is not permitted as such an inclination results in air cushion forming. This might impair
the contact of reference and metal lead.
" Caution!
• Make sure that the assembly’s threaded connection for the electrode is clean and well running before
installing the electrode.
• Hand tighten the electrode (3 Nm)! (Given value only applies to installation in Endress+Hauser assemblies.)
• Make sure to follow the installation instructions in the operating instructions of the used assembly.
a0003686
Electrode installation; inclination angle min. 15° from the horizontal
A
Permitted inclination angle
B
Non-permitted inclination angle
Environment
Ambient temperature
" Caution!
Danger of frost damage
Do not use the electrode at temperatures below -15 °C / 5 °F.
Storage temperature
0 ... 50 °C / 32 ... 122 °F
Ingress protection
15°
15°
A
B
IP 67:
GSA plug-in head (with closed plug-in connection)
IP 68:
TOP 68 plug-in head (1 m / 3.28 ft water column, 50 °C / 122 °F, 168 h)
IP 68:
Memosens plug-in head (10 m / 32.8 ft water column, 25 °C /77 °F, 45 days, 1 M KCl)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com