Electronic Components Datasheet Search
  English  ▼

X  

CPS12 Datasheet(PDF) 8 Page - Endress+Hauser Group Services AG

Part # CPS12
Description  Orbisint CPS12/CPS12D/CPS13
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS12 Datasheet(HTML) 8 Page - Endress+Hauser Group Services AG

Back Button CPS12 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 9Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 10Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 11Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 12Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Orbisint CPS12 / CPS12D / CPS13
8
Endress+Hauser
Ordering information
Product structure CPS12
Product structure CPS12D
Product structure CPS13
Electrode type
0
Standard type
Measuring surface
NA
Gold pin
PA
Platinum ring
Shaft length
2
120 mm / 4.72"
4
225 mm / 8.86"
5
360 mm / 14.17"
Type of head
ESA
Plug-in head Pg 13.5, TOP68, 16 bar, Ex
GSA
Plug-in head Pg 13.5
CPS12-
complete order code
Version
7
Basic version, max. 135 °C / 275 °F
Measuring surface
NA
Gold pin
PA
Platinum ring
Shaft length
2
120 mm / 4.72"
4
225 mm / 8.86"
5
360 mm / 14.17"
Approval
1
Non-hazardous areas
G
ATEX II 1G EEx ia IIC T3/T4/T6
CPS12D-
complete order code
Electrode type
0
Standard type
Electrolyte
TA
Advanced Gel filling (120 mm / 4.72" only)
TD
Advanced Gel filling / double reference (80 mm / 3.15" only)
Shaft length
1
80 mm / 3.15"
2
120 mm / 4.72"
Type of head
ESA
Plug-in head Pg 13.5, TOP68, 16 bar / 232 psi, Ex
GSA
Plug-in head Pg 13.5
CPS13-
complete order code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com