Electronic Components Datasheet Search
  English  ▼

X  

CPS12 Datasheet(PDF) 7 Page - Endress+Hauser Group Services AG

Part # CPS12
Description  Orbisint CPS12/CPS12D/CPS13
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS12 Datasheet(HTML) 7 Page - Endress+Hauser Group Services AG

Back Button CPS12 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 9Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 10Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 11Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Orbisint CPS12 / CPS12D / CPS13
Endress+Hauser
7
Weight
0.1 kg / 0.2 lb.
Material
Process connection
Pg 13.5
Plug-in heads
Reference system
Ag/AgCl lead with Advanced Gel 3 M KCl, AgCl free
Certificates and approvals
Ex approval CPS12 (ESA) /
CPS13 (ESA)
• ATEX II 1G EEX ia IIC T3/T4/T6
• FM Class I Div. 2, in combination with the Liquiline M CM42 and Mycom S CPM153 transmitters
Ex approval CPS12D
• ATEX II 1G EEX ia IIC T3/T4/T6
•FMa / CSAa Class I Div. 2, in combination with the Liquiline M CM42 and Mycom S CPM153 transmitters
! Note!
Ex versions of digital sensors with Memosens technology are indicated by an orange-red ring in the plug-in
head.
Biocompatibility
Biocompatibility validated according to:
• ISO 10993-5:1993
• USP, current revision
TÜV certificate TOP68 and
Memosens plug-in head
Pressure resistance 16 bar, min. triple overpressure safety
Electromagnetic compatibility
of CPS12D
Interference emission and interference immunity complies with EN 61326: 1997 / A1: 1998
Electrode shaft
glass, suitable for processes
Redox measuring element
platinum ring or gold pin
Diaphragm
ring-shaped Teflon® diaphragm, sterilisable
CPS12, CPS13:
ESA:
ESA plug-in head Pg 13.5, TOP68, 16 bar / 232 psi, Ex
GSA:
GSA plug-in head Pg 13.5
CPS12D:
Memosens plug-in head for digital, contactless data transmission,
16 bar / 232 psi, Ex or non-Ex
a)
approval pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com