Electronic Components Datasheet Search
  English  ▼

X  

CPS12 Datasheet(PDF) 5 Page - Endress+Hauser Group Services AG

Part # CPS12
Description  Orbisint CPS12/CPS12D/CPS13
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS12 Datasheet(HTML) 5 Page - Endress+Hauser Group Services AG

  CPS12 Datasheet HTML 1Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Orbisint CPS12 / CPS12D / CPS13
Endress+Hauser
5
Process
Process temperature
-15 ... 135 °C / 5 ... 275 °F
Process pressure
0 ... 16 bar / 0 ... 232 psi
Application
" Caution!
Danger of damage to the electrode
Never use the electrode in applications outside the given specifications!
Mechanical construction
Design, dimensions CPS12
CPS12,
CPS12D:
• Gold electrode
for oxidising media, e.g. cyanide oxidation, nitrite oxidation, ozone measurement, hydrogen
superoxide measurement
• Platinum electrode
for reducing media, e.g. chromate reduction, chlorine dosing in swimming pools
CPS13:
Single reference electrode, used in combination with the single pH electrode CPS64
a0003689-en
CPS12 with GSA plug-in head
1
GSA plug-in head, PG 13.5
2
Viton O-ring with thrust collar
3
Inner metal lead
4
Ag/AgCl lead for the reference
5
"Advanced Gel" electrolyte
6
PTFE diaphragm
7
Gold pin or platinum ring
a0003688-en
CPS12 with TOP68 plug-in head
1
TOP68 plug-in head, Pg 13.5
2
Viton O-ring with thrust collar
3
Inner metal lead
4
Ag/AgCl lead for the reference
5
"Advanced Gel" electrolyte
6
PTFE diaphragm
7
Gold pin or platinum ring
1
2
3
4
6
7
5
12 / 0.47
mm / inch
1
2
3
4
5
7
6
12 / 0.47
mm / inch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com