Electronic Components Datasheet Search
  English  ▼

X  

CPS12 Datasheet(PDF) 1 Page - Endress+Hauser Group Services AG

Part # CPS12
Description  Orbisint CPS12/CPS12D/CPS13
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS12 Datasheet(HTML) 1 Page - Endress+Hauser Group Services AG

  CPS12 Datasheet HTML 1Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS12 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TI367C/07/en/05.05
51513586
Technical Information
Orbisint CPS12/CPS12D/CPS13
ORP electrodes, analog and digital with Memosens technology and
reference electrode
Each with dirt-repellent PTFE diaphragm for standard applications in
process and environmental technology
Application
• Long-term monitoring and limit monitoring of processes with
stable process conditions
– Paper industry
– Plastics chemistry
– Power plants (e.g. flue gas washers)
– Incineration plants
– Food industry
– Breweries
• Water treatment
– Drinking water
– Cooling water
– Well water
Your benefits
• Robust electrode requiring low maintenance thanks to large
PTFE ring diaphragm
• Application under pressures of up to 16 bar (232 psi)
• Long service life due to double junction system of metal lead
and thus long electrode poison diffusion path
• Various measuring elements for application in oxidising and
reducing media
• Three lengths: 120, 225 and 360 mm (4.72, 8.86,
14.17 inches)
Further benefits offered by Memosens technology
• Maximum process safety through contactless inductive signal
transmission
• Data safety through digital data transmission
• Easy handling due to storage of sensor-specific data
• Predictive maintenance possible thanks to registration of
sensor load data
1 approval for digital sensors pending
0 WithATEX,FM1andCSA1approval
for application in hazardous areas


Similar Part No. - CPS12

ManufacturerPart #DatasheetDescription
logo
Clarke International
CPS125 CLARKE-CPS125 Datasheet
4Mb / 24P
82MM ELECTRIC PLANER
DL0621 - ISS 1
CPS125 CLARKE-CPS125 Datasheet
1Mb / 12P
PALM SANDER
GC0425 - Rev 3
logo
Endress+Hauser Group Se...
CPS12E EH-CPS12E Datasheet
686Kb / 12P
ORP sensor for standard applications in process technology and environmental engineering
2020-06-29
logo
List of Unclassifed Man...
CPS12V3T2R50 ETC-CPS12V3T2R50 Datasheet
1Mb / 19P
Thin Film Chip Fuse
CPS12V3T3R00 ETC-CPS12V3T3R00 Datasheet
1Mb / 19P
Thin Film Chip Fuse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com