Electronic Components Datasheet Search
  English  ▼

X  

CLS13 Datasheet(PDF) 4 Page - Endress+Hauser Group Services AG

Part # CLS13
Description  Conductivity sensor for high-temperature applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLS13 Datasheet(HTML) 4 Page - Endress+Hauser Group Services AG

  CLS13 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 8Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Condumax CLS13
4
Endress+Hauser
Installation
Installation instructions
1. Mount the sensor directly on a process connection that matches the version or alternatively
install it in a CLA751 flow assembly.
2. Ensure that the electrodes are fully immersed in the medium during measurement.
 The insertion depth must be at least 50 mm (1.97 in).
3. If using the sensor in the ultrapure water range:
Work under air-evacuated conditions.
 This prevents CO2 in the air from dissolving in the water and increasing the conductivity
by up to 3 µS/cm as a result of (weak) dissociation.
Environment
Ambient temperature range
–20 to 60 °C (–4 to 140 °F)
Storage temperature
-25 to +80 °C (-10 to +180 °F)
Degree of protection
IP67
Process
Process temperature range
-20 to 250 °C (-4 to 480 °F)
Process pressure
1 to 41 bar (15 to 595 psi), absolute
Temperature/pressure
ratings
10
20
30
41
60
20
100 140
250
[°C]
-4
68
212
356
145
290
435
-20
[°F]
595
[psi] [bar]
p (abs.)
T
180 220
482
A0048119
 4
Mechanical pressure-temperature resistance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com