Electronic Components Datasheet Search
  English  ▼

X  

CLS13 Datasheet(PDF) 7 Page - Endress+Hauser Group Services AG

Part # CLS13
Description  Conductivity sensor for high-temperature applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLS13 Datasheet(HTML) 7 Page - Endress+Hauser Group Services AG

  CLS13 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 8Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Condumax CLS13
Endress+Hauser
7
Flow assembly CLA752
• For installing conductivity sensors with G1 thread (CLS12, CLS13, CLS21, CLS30)
• Inlet (lateral) and outlet (lateral) DN 20 with G½ internal thread
• Polypropylene (PP)
• Max. temperature 90 °C (194 °F), max. pressure 6 bar (87 psi)
• Order No. 50033772
Ø 80 (3.15)
G 1
A0024378
 8
Dimensions in mm (inch)
Measuring cable
Measuring cable CYK71
• Unterminated cable for connecting analog sensors and for extending sensor cables
• Sold by the meter, order numbers:
• Non-Ex version, black: 50085333
• Ex-version, blue: 50085673
Junction boxes
VBM
• Junction box for cable extension
• 10 terminal strips
• Cable entries: 2 x Pg 13.5 or 2 x NPT ½"
• Material: aluminum
• Degree of protection: IP 65
• Order numbers
• Cable entries Pg 13.5 : 50003987
• Cable entries NPT ½": 51500177
VBM-Ex
• Junction box for cable extension in hazardous area
• 10 terminal strips (blue)
• Cable entries: 2 x Pg 13.5
• Material: aluminum
• Degree of protection: IP 65 ( NEMA 4X)
• Order number: 50003991
Service-specific accessories
Calibration solutions
Conductivity calibration solutions CLY11
Precision solutions referenced to SRM (Standard Reference Material) by NIST for qualified
calibration of conductivity measuring systems in accordance with ISO 9000
• CLY11-A, 74 μS/cm (reference temperature 25 °C (77 °F)), 500 ml (16.9 fl.oz)
Order No. 50081902
• CLY11-B, 149.6 μS/cm (reference temperature 25 °C (77 °F)), 500 ml (16.9 fl.oz)
Order No. 50081903
Technical Information TI00162C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com