Electronic Components Datasheet Search
  English  ▼

X  

CLS13 Datasheet(PDF) 6 Page - Endress+Hauser Group Services AG

Part # CLS13
Description  Conductivity sensor for high-temperature applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLS13 Datasheet(HTML) 6 Page - Endress+Hauser Group Services AG

  CLS13 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 8Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Condumax CLS13
6
Endress+Hauser
3. Configure the device according to your requirements by selecting the desired option for each
feature.
 In this way, you receive a valid and complete order code for the device.
4. Apply: Add the configured product to the shopping cart.
For many products, you also have the option of downloading CAD or 2D drawings of the
selected product version.
5. Show details: Open this tab for the product in the shopping cart.
 The link to the CAD drawing is displayed. If selected, the 3D display format is displayed
along with the option to download various formats.
Scope of delivery
The scope of delivery includes:
• Sensor in the version ordered
• Operating Instructions
Accessory
The following are the most important accessories available at the time this documentation was
issued.
‣ For accessories not listed here, please contact your Service or Sales Center.
Device-specific accessories
Assemblies
Flow assembly CLA751
• For installing conductivity sensors with G1 thread (CLS12, CLS13, CLS21, CLS30)
• Inlet (below) and outlet (lateral) DN 20 with G1 thread adapter nut
• Stainless steel 1.4571 (AISI 316Ti)
• Max. temperature 160 °C (320 °F), max. pressure 12 bar (174 psi)
• Order No. 50004201
G 1
G 1
Ø 50
(1.97)
A0024377
 7
Dimensions in mm (inch)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com