Electronic Components Datasheet Search
  English  ▼

X  

CLS13 Datasheet(PDF) 5 Page - Endress+Hauser Group Services AG

Part # CLS13
Description  Conductivity sensor for high-temperature applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLS13 Datasheet(HTML) 5 Page - Endress+Hauser Group Services AG

  CLS13 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 8Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Condumax CLS13
Endress+Hauser
5
Mechanical construction
Design, dimensions
1
2
3
4
5
6
7
A0046763
 5
Design
1
Terminal head
2
Cable connection
3
Dissipator
4
Sealing surface as per DIN 3852 BI 2, Form A
5
Electrodes (coaxially arranged)
6
Threaded connection
7
Nameplate
Ø 25 (0.98)
G1 / NPT 1"
AF 60
A0046764
 6
Dimensions in mm (in)
*
Minimum immersion depth
Weight
Approx. 1.7 kg (3.75 lbs) depending on version
Materials (in contact with
medium)
Electrodes
Stainless steel 1.4571 (AISI 316Ti)
Process connection
Stainless steel 1.4571 (AISI 316Ti)
Terminal head
Die-cast aluminum
Dissipator
Die-cast aluminum
Seals
FFKM
Insulator body
Ceramic
Process connections
Thread G1
NPT 1" thread
Cell constant
CLS13 -A
k = 0.01 cm–1
CLS13 -B
k = 0.1 cm–1
Temperature sensor
Pt 100 (class B as per IEC 60751)
Ordering information
Product page
www.endress.com/cls13
Product Configurator
1. Configure: Click this button on the product page.
2. Select Extended selection.
 The Configurator opens in a separate window.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com