Electronic Components Datasheet Search
  English  ▼

X  

CLS13 Datasheet(PDF) 1 Page - Endress+Hauser Group Services AG

Part # CLS13
Description  Conductivity sensor for high-temperature applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLS13 Datasheet(HTML) 1 Page - Endress+Hauser Group Services AG

  CLS13 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLS13 Datasheet HTML 8Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2-electrode sensors with cell constant k = 0.01 cm–
1 or k = 0.1 cm–1
Application
The sensor measures conductivity in water or steam circuits, such as in the power
plant and energy industry:
• Condensate monitoring
• Boiler feedwater monitoring
• Boiler blowdown monitoring
The sensor can be used in all applications with a low conductivity and very high
temperatures and pressures.
Sensor versions with explosion protection approval according to ATEX, FM or CSA
are suitable for use in hazardous areas.
Your benefits
• Reliable and accurate measured values at low conductivities
• Optimized for high pressures and temperatures up to 250 °C (482 °F)
• Easy to clean thanks to stainless steel body and removable outer electrode
• Robust design for maximum durability
• Quality certificate with information on individual cell constants
Products
Solutions
Services
Technical Information
Condumax CLS13
Conductivity sensor for high-temperature
applications
TI00083C/07/EN/14.22-00
71576069
2022-06-30


Similar Part No. - CLS13

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS10 SUMIDA-CLS10 Datasheet
102Kb / 1P
DC-DC CONVERTER?늆MD?
CLS104 SUMIDA-CLS104 Datasheet
304Kb / 3P
2 in 1 Inductor & 3 in 1 Inductor
CLS104 SUMIDA-CLS104 Datasheet
8Mb / 156P
GENERAL PRODUCTS CATALOG
2011.09
logo
Toshiba Semiconductor
CLS10F40 TOSHIBA-CLS10F40 Datasheet
193Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
logo
Sumida Corporation
CLS12 SUMIDA-CLS12 Datasheet
95Kb / 1P
DC-DC CONVERTER?늆MD?
More results

Similar Description - CLS13

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407303 EXTECH-407303 Datasheet
133Kb / 6P
Heavy Duty Conductivity / Temperature
logo
Endress+Hauser Group Se...
CLS12 EH-CLS12 Datasheet
826Kb / 8P
Conductivity sensor for high-temperature applications
2021-10-31
CLS19 EH-CLS19 Datasheet
493Kb / 8P
Conductivity sensor
2021-09-30
CLS50D EH-CLS50D Datasheet
947Kb / 20P
Inductive conductivity sensor for standard, Ex and high-temperature applications
2023-07-31
CLS52 EH-CLS52 Datasheet
618Kb / 16P
Inductive conductivity sensor with fast temperature measurement and hygienic design
CLS54 EH-CLS54 Datasheet
775Kb / 16P
Hygienic inductive conductivity sensor for applications in the food, beverage, pharmaceutical and biotech industries
CLY421 EH-CLY421 Datasheet
845Kb / 12P
Conductivity calibration kit for ultrapure water applications
2022-09-29
logo
E+E Elektronik Ges.m.b....
EE150 EPLUSE-EE150 Datasheet
1Mb / 8P
Humidity and Temperature Sensor for HVAC Applications
04-2023
EE23 EPLUSE-EE23 Datasheet
1Mb / 9P
Humidity and Temperature Sensor for Industrial Applications
08-2023
EE310 EPLUSE-EE310 Datasheet
1Mb / 10P
High-End Humidity and Temperature Sensor for Industrial Applications
06-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com