| Electronic Components Datasheet Search |
|
CPS71D Datasheet(PDF) 4 Page - Endress+Hauser Group Services AG |
|
|
|||||||||||||||||||||||||||||
CPS71D Datasheet(HTML) 4 Page - Endress+Hauser Group Services AG |
|
4 / 16 page ![]() Ceragel CPS71D and CPS71 4 Endress+Hauser Dependability Reliability Easy handling Sensors with Memosens technology have an integrated electronics unit that stores calibration data and other information (e.g. total operating hours and operating hours under extreme measuring conditions). Once the sensor has been connected, the sensor data are transferred automatically to the transmitter and used to calculate the current measured value. As the calibration data are stored in the sensor, the sensor can be calibrated and adjusted independently of the measuring point. The result: • Easy calibration in the measuring lab under optimum external conditions increases the quality of the calibration. • Pre-calibrated sensors can be replaced quickly and easily, resulting in a dramatic increase in the availability of the measuring point . • Maintenance intervals can be defined based on all stored sensor load and calibration data and predictive maintenance is possible. • The sensor history can be documented using external storage media and evaluation programs, e.g. Memobase Plus CYZ71D. Thus, the current application of the sensors can be made to depend on their previous history. Integrity Data security thanks to digital data transmission Memosens technology digitizes the measured values in the sensor and transmits the data to the transmitter using a non-contact connection that is free from potential interference. The result: • Automatic error message if sensor fails or connection between sensor and transmitter is interrupted • Immediate error detection increases measuring point availability Safety Maximum process safety With inductive transmission of the measured value using a non-contact connection, Memosens guarantees maximum process safety and offers the following benefits: • All problems caused by moisture are eliminated: – Plug-in connection free from corrosion – Measured values cannot be distorted by moisture. – Can even be connected under water • The transmitter is galvanically decoupled from the medium. Issues concerning "symmetrical high- impedance" or "asymmetry" or an impedance converter are a thing of the past. • EMC safety is guaranteed by screening measures for the digital transmission of measured values. • Intrinsically safe electronics mean operation in hazardous areas is not a problem. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |