Electronic Components Datasheet Search
  English  ▼

X  

CPS71D Datasheet(PDF) 7 Page - Endress+Hauser Group Services AG

Part # CPS71D
Description  pH single-rod measuring cells, analog or with digital Memosens technology
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS71D Datasheet(HTML) 7 Page - Endress+Hauser Group Services AG

Back Button CPS71D Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 9Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 10Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 11Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Ceragel CPS71D and CPS71
Endress+Hauser
7
Environment
Ambient temperature range
NOTICE
Risk of damage due to frost
‣ The sensor must not be used if the temperature drops below –15 °C (5 °F).
Storage temperature
0 to 50 °C (32 to 122 °F)
Degree of protection
IP 68:
Memosens plug-in head, (10 m (33 ft) water column, 25 °C (77 °F), 45 days, 1 M KCl)
IP 68:
ESA plug-in head (1 m (3.3 ft) water column, 50 °C (122 °F), 168 h)
IP 67:
GSA plug-in head (with closed connector system)
Process
Process temperature
Electrode version TB, TC:
0 to 140 °C (32 to 284 °F)
0 to 135 °C (32 to 275 °F) for sensors with Ex approval and analog
sensors
Electrode version TP, TU:
0 to 100 °C (32 to 212 °F)
(sterilizable up to 140 °C (284 °F) / 135 °C (275 °F) for sensors with
Ex approval and analog sensors)
Process pressure (absolute)
Electrode version TB, TC:
1 to 14 bar (15 to 203 psi)
Electrode version TU:
1 to 11 bar (15 to 159 psi)
Electrode version TP:
1 to 7 bar (15 to 101 psi)
Minimum 0.8 bar abs. is possible. Be aware of quick KCl consumption.
LCAUTION
Pressurization of sensor due to prolonged use under increased process pressure
Risk of injury from glass breakage
‣ Avoid excessive heating of such sensors if using them under reduced process pressure or under
atmospheric pressure.
‣ When handling such sensors, wear protective goggles and suitable gloves.
Pressure-temperature
ratings
A
0
40
80
50
100
150
200
250
275
120
159
300
212
B
C
40
0
20
60
80
100
0
4
6
8
10
2
[°C]
T
[°F]
[psi] p [bar]
12
14
120
135
140
284
D
1
203
11
7
101
15
E
A0025785
 4
Pressure-temperature ratings
A
Version TB, TC
B
Version TB, TC with Ex approval and analog sensors
C
Version TU
D
Version TP
E
Atmospheric pressure
Minimum conductivity
10 μS/cm (at atmospheric pressure, without flow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com