Electronic Components Datasheet Search
  English  ▼

X  

CPS71D Datasheet(PDF) 5 Page - Endress+Hauser Group Services AG

Part # CPS71D
Description  pH single-rod measuring cells, analog or with digital Memosens technology
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS71D Datasheet(HTML) 5 Page - Endress+Hauser Group Services AG

  CPS71D Datasheet HTML 1Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Ceragel CPS71D and CPS71
Endress+Hauser
5
Input
Measured variables
pH value
Temperature
Measuring range
Electrode version TB, TC:
pH:
0 to 14 pH
Temperature:
• 0 to 140 °C (32 to 284 °F)
• 0 to 135 °C (32 to 275 °F) for sensors with Ex approval and analog
sensors
Electrode version TP (pressurized reference):
pH:
0 to 12 pH
Temperature:
• 0 to 140 °C (32 to 284 °F)
(140 °C (284 °F) only for sterilization)
• 0 to 135 °C (32 to 275 °F) for sensors with Ex approval and analog
sensors
(135 °C (275 °F) only for sterilization)
• Max. 100 °C (212 °F) in continuous operation due to increasing
pressure loss at T > 100 °C (212 °F)
Electrode version TU:
pH:
0 to 14 pH
Temperature:
• 0 to 140 °C (32 to 284 °F)
(140 °C (284 °F) only for sterilization)
• 0 to 135 °C (32 to 275 °F) for sensors with Ex approval and analog
sensors
(135 °C (275 °F) only for sterilization)
• Max. 100 °C (212 °F) in continuous operation due to liquefaction of
gel-based inner electrolyte at T > 100 °C (212 °F)
Please note the process operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com