Electronic Components Datasheet Search
  English  ▼

X  

CPS71D Datasheet(PDF) 6 Page - Endress+Hauser Group Services AG

Part # CPS71D
Description  pH single-rod measuring cells, analog or with digital Memosens technology
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS71D Datasheet(HTML) 6 Page - Endress+Hauser Group Services AG

Back Button CPS71D Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 9Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 10Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Ceragel CPS71D and CPS71
6
Endress+Hauser
Installation
Installation instructions
• Electrode versions TB, TC and TP
Do not install the electrodes upside down. The angle of inclination must be at least 15° from the
horizontal. A smaller inclination angle is not permitted as it could cause an air bubble to form in
the glass sphere and prevent the inner electrolyte from completely wetting the pH diaphragm.
• Electrode version TU
This electrode is suitable for upside-down installation. You can install it at any angle.
NOTICE
Before screwing in the electrode, make sure the assembly threaded connection is clean and
runs smoothly.
‣ Screw in the electrode finger-tight (3 Nm)! (Data apply only if installing with
Endress+HauserOPA assemblies.)
‣ Make sure to follow the installation instructions in the Operating Instructions of the used
assembly.
15°
15°
A
B
A0024316
 2
Installation of electrode versions TB, TC, TP;
installation angle at least 15° from the horizontal
A
Permitted orientation
B
Forbidden orientation
360°
A0024597
 3
Installation of electrode version TU; any
installation angle
Installation instructions for
electrode version TP
LCAUTION
Sudden rupture and flying glass splinters from the glass electrode with pressurized reference
(approx. 7 bar abs. internal pressure)
‣ Always wear protective goggles when working with these electrodes
‣ Be particularly careful when removing the silicone seal on the reference junction. Here, a knife is
used to activate the electrode for measuring operation.
Before commissioning the electrode, you must remove the silicone seal from the junction. The pH
value can only be measured properly once the seal has been removed.
To do this, proceed as follows:
1. Using the knife supplied, completely remove the silicone seal from the junction.
2. To ensure optimum accuracy with this as with all pH electrodes, place the electrode in a
calibration standard buffer solution with a pH of between 4 and 9 for 15-20 minutes prior to
calibration.
3. Put the electrode into operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com