Electronic Components Datasheet Search
  English  ▼

X  

CPS71D Datasheet(PDF) 11 Page - Endress+Hauser Group Services AG

Part # CPS71D
Description  pH single-rod measuring cells, analog or with digital Memosens technology
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS71D Datasheet(HTML) 11 Page - Endress+Hauser Group Services AG

Back Button CPS71D Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 9Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 10Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 11Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 12Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 13Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 14Page - Endress+Hauser Group Services AG CPS71D Datasheet HTML 15Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Ceragel CPS71D and CPS71
Endress+Hauser
11
Reference system
Electrode version TB, TC:
Ag/AgCl reference lead with ion trap, reference and bridging
electrolyte 3 M KCl, acrylamide-free, non-cytotoxic
Electrode version TP:
Ag/AgCl reference lead with ion trap, reference and bridging
electrolyte 3 M KCl, acrylamide-free, non-cytotoxic, pressurized ion
trap 7 bar abs.; indicated by pressure indicator (→  10).
Electrode version TU:
Ag/AgCl reference lead with ion trap, reference and bridging
electrolyte 3 M KCl, acrylamide-free
Detail A
Detail A
A0025917
 10
Pressure indicator of electrode version TP
Certificates and approvals
Ex approval CPS71D and
CPS71 (ESA)
ATEX/NEPSI
II 1G Ex ia IIC T3/T4/T6 Ga
FM/CSA
IS/NI CL. I. Div 1, Group A-D
Hazardous area versions of the digital sensors with Memosens technology are indicated by a
red-orange ring in the plug-in head.
Biocompatibility
Cytotoxicity tested to:
• ISO 10993-5:2009
• USP 37: 2014, chapter <87> for reference electrolyte gel
TÜV certificate for
Memosens and ESA plug-in
head
Pressure resistance 16 bar rel. (232 psi), minimum three times the safety pressure
Electromagnetic
compatibility CPS71D
Interference emission and interference immunity as per EN 61326: 2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com