Electronic Components Datasheet Search
  English  ▼

X  

CDCL1810 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL1810
Description  1.8V, 10 Output, High-Performance Clock Distributor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCL1810 Datasheet(HTML) 5 Page - Texas Instruments

  CDCL1810 Datasheet HTML 1Page - Texas Instruments CDCL1810 Datasheet HTML 2Page - Texas Instruments CDCL1810 Datasheet HTML 3Page - Texas Instruments CDCL1810 Datasheet HTML 4Page - Texas Instruments CDCL1810 Datasheet HTML 5Page - Texas Instruments CDCL1810 Datasheet HTML 6Page - Texas Instruments CDCL1810 Datasheet HTML 7Page - Texas Instruments CDCL1810 Datasheet HTML 8Page - Texas Instruments CDCL1810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
AC ELECTRICAL CHARACTERISTICS FOR THE SDA/SCL INTERFACE
(1)
CDCL1810
SLLS781A – FEBRUARY 2007 – REVISED MARCH 2007
AC ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating conditions (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
JOUT
Additive clock output jitter
FIN = 30.72MHz, FOUT = 30.72MHz
VD,IN = 200mVPP
10Hz–1MHz offset
188
fs RMS
1MHz–5MHz offset
480
fs RMS
12kHz–5MHz offset
514
fs RMS
FIN = 30.72MHz, FOUT = 30.72MHz
VD,IN = 1200mVPP
10Hz–1MHz offset
257
fs RMS
1MHz–5MHz offset
500
fs RMS
12kHz–5MHz offset
570
fs RMS
FIN = 650MHz, FOUT = 650MHz
VD,IN = 200mVPP
10Hz–1MHz offset
27
fs RMS
1MHz–20MHz offset
66
fs RMS
12kHz–20MHz offset
72
fs RMS
FIN = 650MHz, FOUT = 650MHz
VD,IN = 1200mVPP
10Hz–1MHz offset
12
fs RMS
1MHz–20MHz offset
23
fs RMS
12kHz–20MHz offset
27
fs RMS
TP
Input-to-output delay
FIN = 30.72MHz, FOUT = 30.72MHz
3
ns
YP[9:0] outputs
FIN = 30.72MHz, FOUT = 30.72MHz
TSOUT
Clock output skew
–64
64
ps
YP[9:0] outputs relative to YP[0]
PARAMETER
MIN
TYP
MAX
UNIT
fSCL
SCL frequency
400
kHz
th(START)
START hold time
0.6
µs
tw(SCLL)
SCL low-pulse duration
1.3
µs
tw(SCLH)
SCL high-pulse duration
0.6
µs
tsu(START)
START setup time
0.6
µs
th(SDATA)
SDA hold time
0
µs
tsu(DATA)
SDA setup time
0.6
µs
tr(SDATA)
SCL / SDA input rise time
0.3
µs
tf(SDATA)
SCL / SDA input fall time
0.3
µs
tsu(STOP)
STOP setup time
0.6
µs
tBUS
bus free time
1.3
µs
(1)
See Figure 3 for the timing behavior.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com