Electronic Components Datasheet Search
  English  ▼

X  

CDCL1810 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL1810
Description  1.8V, 10 Output, High-Performance Clock Distributor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCL1810 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCL1810 Datasheet HTML 3Page - Texas Instruments CDCL1810 Datasheet HTML 4Page - Texas Instruments CDCL1810 Datasheet HTML 5Page - Texas Instruments CDCL1810 Datasheet HTML 6Page - Texas Instruments CDCL1810 Datasheet HTML 7Page - Texas Instruments CDCL1810 Datasheet HTML 8Page - Texas Instruments CDCL1810 Datasheet HTML 9Page - Texas Instruments CDCL1810 Datasheet HTML 10Page - Texas Instruments CDCL1810 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.ti.com
CDCL1810
SLLS781A – FEBRUARY 2007 – REVISED MARCH 2007
DEVICE INFORMATION (continued)
TERMINAL FUNCTIONS
TERMINAL
NAME
PIN NO.
TYPE
DESCRIPTION
8, 11, 14, 17,
20, 23, 26,
VDD
Power
1.8V digital power supply.
29, 32, 35,
38, 41
AVDD
2, 5, 44, 47
Power
1.8V analog power supply.
Exposed
VSS
thermal pad
Power
Ground reference.
and pin 12
1, 13, 45, 46,
NC
I
Not connected; leave open.
48
Differential LVDS input. Single-ended 1.8-V input can be dc-coupled to pin 3 with pin 4
CLKP, CLKN
3, 4
I
either tied to pin 3 (recommended) or left open.
YP0, YN0
6, 7
YP1, YN1
9, 10
YP2, YN2
15, 16
YP3, YN3
18, 19
YP4, YN4
21, 22
O
10 differential CML outputs.
YP5, YN5
27, 28
YP6, YN6
30, 31
YP7, YN7
33, 34
YP8, YN8
40, 39
YP9, YN9
43, 42
SCL
24
I
SDA/SCL serial clock pin. Open drain. Always connect to a pull-up resistor.
SDA
25
I/O
SDA/SCL bidirectional serial data pin. Open drain. Always connect to a pull-up resistor.
Configurable least significant bits (ADD[1:0]) of the SDA/SCL device address. The fixed
ADD1, ADD0
37, 36
I
most significant bits (ADD[6:2]) of the 7-bit device address are 11010.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com