Electronic Components Datasheet Search
  English  ▼

X  

CDCL1810 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL1810
Description  1.8V, 10 Output, High-Performance Clock Distributor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCL1810 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCL1810 Datasheet HTML 10Page - Texas Instruments CDCL1810 Datasheet HTML 11Page - Texas Instruments CDCL1810 Datasheet HTML 12Page - Texas Instruments CDCL1810 Datasheet HTML 13Page - Texas Instruments CDCL1810 Datasheet HTML 14Page - Texas Instruments CDCL1810 Datasheet HTML 15Page - Texas Instruments CDCL1810 Datasheet HTML 16Page - Texas Instruments CDCL1810 Datasheet HTML 17Page - Texas Instruments CDCL1810 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
www.ti.com
CDCL1810
SLLS781A – FEBRUARY 2007 – REVISED MARCH 2007
Table 1. Divide Ratio Settings for Post-Divider P0 or P1
Divide
SELP1[3] or
SELP1[2] or
SELP1[1] or
SELP1[0] or
Ratio
SELP0[3]
SELP0[2]
SELP0[1]
SELP0[0]
Notes
1
0
0
0
0
Default
2
0
0
0
1
4
0
0
1
0
5
0
0
1
1
8
0
1
0
0
10
0
1
0
1
16
0
1
1
0
20
0
1
1
1
32
1
0
0
0
40
1
0
0
1
80
1
0
1
0
Table 2. Phase Settings for Divide Ratio = 5, 10, 20, 40, 80
With PH0[4:0] = 00000
PH1
Divide
Phase Lead
Ratio
[4]
[3]
[2]
[1]
[0]
(radian)
Notes
5
X
X
X
X
X
0
Phase setting not available
10
X
X
X
0
X
0
X
X
X
1
X
(2
π/2)
20
X
X
0
0
X
0
X
X
0
1
X
(2
π/4)
X
X
1
0
X
2(2
π/4)
X
X
1
1
X
3(2
π/4)
40
X
0
0
0
X
0
X
0
0
1
X
(2
π/8)
X
0
1
0
X
2(2
π/8)
X
0
1
1
X
3(2
π/8)
X
1
0
0
X
4(2
π/8)
X
1
0
1
X
5(2
π/8)
X
1
1
0
X
6(2
π/8)
X
1
1
1
X
7(2
π/8)
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com