Electronic Components Datasheet Search
  English  ▼

X  

CDCL1810 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL1810
Description  1.8V, 10 Output, High-Performance Clock Distributor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCL1810 Datasheet(HTML) 1 Page - Texas Instruments

  CDCL1810 Datasheet HTML 1Page - Texas Instruments CDCL1810 Datasheet HTML 2Page - Texas Instruments CDCL1810 Datasheet HTML 3Page - Texas Instruments CDCL1810 Datasheet HTML 4Page - Texas Instruments CDCL1810 Datasheet HTML 5Page - Texas Instruments CDCL1810 Datasheet HTML 6Page - Texas Instruments CDCL1810 Datasheet HTML 7Page - Texas Instruments CDCL1810 Datasheet HTML 8Page - Texas Instruments CDCL1810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
APPLICATIONS
SDA/SCL
Differential
LVDSInput
Upto650MHz
5Differential
CMLOutputs
Upto650MHz
5Differential
CMLOutputs
Upto650MHz
DIVIDER
DIVIDER
CDCL1810
SLLS781A – FEBRUARY 2007 – REVISED MARCH 2007
1.8V, 10 Output, High-Performance Clock Distributor
• Output Enable Control for Each Output
• Single 1.8V Supply
• SDA/SCL Device Management Interface
• High-Performance Clock Distributor with 10
• 48-pin QFN (RGZ) Package
Outputs
• Industrial Temperature Range: –40°C to +85°C
• Low Input-to-Output Additive Jitter:
As Low As 10fs RMS
• Clock Synthesis and Distribution for
• Output Group Phase Adjustment
High-Speed SERDES
• Low-Voltage Differential Signaling (LVDS)
• Synthesis and Distribution of SERDES
Input, 100
Ω Differential On-Chip Termination,
Reference Clocks for 1G/10G Ethernet,
Up to 650MHz Frequency
1X/2X/4X/10X Fibre Channel, PCI Express,
• Differential Current Mode Logic (CML)
Serial ATA, SONET, CPRI, OBSAI, etc.
Outputs, 50
Ω Single-Ended On-Chip
• Up to 1-to-10 Clock Buffering and Fan-out
Termination, Up to 650MHz Frequency
• Two Groups of Five Outputs Each with
Independent Frequency Division Ratios
• Output Frequency Derived with Divide Ratios
of 1, 2, 4, 5, 8, 10, 16, 20, 32, 40, and 80
• Meets ANSI TIA/EIA-644-A-2001 LVDS
Standard Requirements
• Power Consumption: 410mW Typical
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCL1810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL1810 TI1-CDCL1810 Datasheet
980Kb / 33P
Output, High-Performance Clock Distributor
CDCL1810A TI1-CDCL1810A Datasheet
1Mb / 30P
Single 1.8 V Supply
CDCL1810ARGZR TI1-CDCL1810ARGZR Datasheet
1Mb / 30P
Single 1.8 V Supply
CDCL1810ARGZT TI1-CDCL1810ARGZT Datasheet
1Mb / 30P
Single 1.8 V Supply
CDCL1810RGZR TI1-CDCL1810RGZR Datasheet
980Kb / 33P
Output, High-Performance Clock Distributor
More results

Similar Description - CDCL1810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL6010 TI-CDCL6010 Datasheet
582Kb / 24P
1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCL6010 TI-CDCL6010_07 Datasheet
584Kb / 27P
1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
logo
National Semiconductor ...
LMK01000 NSC-LMK01000 Datasheet
431Kb / 18P
1.6 GHz High Performance Clock Buffer, Divider, and Distributor
logo
Texas Instruments
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
LMK01000 TI1-LMK01000_14 Datasheet
896Kb / 27P
1.6 GHz High Performance Clock Buffer, Divider, and Distributor
CDCL1810 TI1-CDCL1810 Datasheet
980Kb / 33P
Output, High-Performance Clock Distributor
logo
Integrated Device Techn...
5PB11XX IDT-5PB11XX Datasheet
504Kb / 19P
1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB1102PGG IDT-5PB1102PGG Datasheet
479Kb / 21P
1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
logo
Renesas Technology Corp
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com