Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6421 Datasheet(PDF) 204 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 204 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 200Page - Texas Instruments TMS320C6421 Datasheet HTML 201Page - Texas Instruments TMS320C6421 Datasheet HTML 202Page - Texas Instruments TMS320C6421 Datasheet HTML 203Page - Texas Instruments TMS320C6421 Datasheet HTML 204Page - Texas Instruments TMS320C6421 Datasheet HTML 205Page - Texas Instruments TMS320C6421 Datasheet HTML 206Page - Texas Instruments TMS320C6421 Datasheet HTML 207Page - Texas Instruments TMS320C6421 Datasheet HTML 208Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 227 page
background image
www.ti.com
RMREFCLK
(Input)
1
3
4
4
2
RMREFCLK
1
2
RMRXD1−RMRXD0,
RMCRSDV, RMRXER (Inputs)
1
RMREFCLK
RMTXD1−RMTXD0,
RMTXEN (Outputs)
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346B – JANUARY 2007 – REVISED APRIL 2007
Figure 6-40. RMREFCLK Timing [RMII Operation]
Table 6-62. Timing Requirements for EMAC RMII Receive 10/100 Mbit/s
(1) (see Figure 6-41)
-400
-500
NO.
UNIT
-600
MIN
MAX
1
tsu(RMRXD-REFCLKH)
Setup time, receive selected signals valid before RMREFCLK high
TBD
ns
2
th(REFCLKH-RMRXD)
Hold time, receive selected signals valid after RMREFCLK high
TBD
ns
(1)
Receive selected signals include: RMRXD1-RMRXD0, RMCRSDV, and RMRXER.
Figure 6-41. EMAC Receive Interface Timing [RMII Operation]
Table 6-63. Switching Characteristics Over Recommended Operating Conditions for EMAC MII Transmit
10/100 Mbit/s
(1) (see Figure 6-42)
-400
-500
NO.
UNIT
-600
MIN
MAX
1
td(REFCLKH-MTXD)
Delay time, RMREFCLK high to transmit selected signals valid
TBD
TBD
ns
(1)
Transmit selected signals include: RMTXD1-RMTXD0, and RMTXEN.
Figure 6-42. EMAC Transmit Interface Timing [RMII Operation]
204
Peripheral Information and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com