Electronic Components Datasheet Search
  English  ▼

X  

TPS62350 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62350
Description  800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62350 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62350 Datasheet HTML 1Page - Texas Instruments TPS62350 Datasheet HTML 2Page - Texas Instruments TPS62350 Datasheet HTML 3Page - Texas Instruments TPS62350 Datasheet HTML 4Page - Texas Instruments TPS62350 Datasheet HTML 5Page - Texas Instruments TPS62350 Datasheet HTML 6Page - Texas Instruments TPS62350 Datasheet HTML 7Page - Texas Instruments TPS62350 Datasheet HTML 8Page - Texas Instruments TPS62350 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
www.ti.com
TPS62350, TPS62351
TPS62352, TPS62353, TPS62354
SLVS540B – MAY 2006 – REVISED DECEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, typical values are at T
A = 25°C. Unless otherwise noted, specifications apply with
V
I = 3.6 V, EN = VI, VSEL = VI, SYNC = GND, VSEL0[6] bit = 1.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI = 3.6 V, VO = 1.30 V, IO(DC) = 0 mA,
–1.5%
1.5%
PWM operation
2.7 V
≤ V
I≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA,
VO = 0.75 V, 1.05 V, 1.30 V, 1.5375 V,
–2%
2%
PWM operation
Output voltage
VO
TPS62354
2.7 V
≤ V
I≤ 5.5 V, IO(DC) = 0 mA,
DC accuracy
–1%
4.5%
VO = 1.05 V, L = 1 µH, Light PFM
2.7 V
≤ V
I≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA,
–2%
3%
VO = 1.30 V, L = 1 µH, Fast PFM/PWM
2.7 V
≤ V
I≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA,
–2%
4.5%
VO = 1.05 V, L = 1 µH, Light or Fast PFM/PWM
DC output voltage load regulation
IO(DC) = 0 mA to 800mA, PWM operation
–0.0003
%/mA
∆V
O
VI = VO + 0.5 V (min 2.7 V) to 5.5 V,
DC output voltage line regulation
0
%/V
IO(DC) = 300 mA
VO = 0.9 V, IO(DC) = 0 mA, L = 1 µH,
33
mVPP
Light PFM operation
VO = 1.05 V, IO(DC) = 1 mA , L = 1 µH,
30
mVPP
Light PFM operation
Power-save mode ripple voltage
VO = 1.10 V, IO(DC) = 1 mA,
12
mVPP
L = 1
µH, Light PFM operation, VSEL0[6] bit = 0
VO = 1.35 V, IO(DC) = 1 mA,
0.025 VO
VPP
L = 1
µH, Fast PFM operation
Leakage current into SW pin
VI > VO, 0 V ≤ V(SW) ≤ VI, EN = GND
0.01
1
Ilkg
µA
Reverse leakage current into SW pin
VI = open, V(SW) = 6 V, EN = GND
0.01
1
DAC
TPS62350
TPS62351
Resolution
TPS62352
6
Bits
TPS62353
TPS62354
Differential nonlinearity
Assured monotonic by design
±0.8
LSB
TIMING
Setup Time Between Rising EN and Start of I2C
250
µs
Stream
Output voltage settling
From min to max output voltage,
VO
TPS62350
3
µs
time
IO(DC) = 500 mA, PWM operation
Time from active EN to VO
180
VO = 1.35 V, RL = 5Ω, PWM operation
TPS62350
Time from active EN to VO
170
VO = 1.05 V, IO(DC) = 0 mA, Light PFM operation
Time from active EN_DCDC bit to VO
Start-up time
TPS62351
45
µs
VO = 1.5 V, RL = 5Ω, PWM operation
Time from active EN to VO
175
VO = 1.2 V, RL = 5Ω, PWM operation
TPS62352
Time from active EN to VO
170
VO = 1.05 V, IO(DC) = 0 mA, Light PFM operation
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com