Electronic Components Datasheet Search
  English  ▼

X  

TPS62350 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62350
Description  800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62350 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS62350 Datasheet HTML 13Page - Texas Instruments TPS62350 Datasheet HTML 14Page - Texas Instruments TPS62350 Datasheet HTML 15Page - Texas Instruments TPS62350 Datasheet HTML 16Page - Texas Instruments TPS62350 Datasheet HTML 17Page - Texas Instruments TPS62350 Datasheet HTML 18Page - Texas Instruments TPS62350 Datasheet HTML 19Page - Texas Instruments TPS62350 Datasheet HTML 20Page - Texas Instruments TPS62350 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
www.ti.com
t − Time=5
s/div
m
V =3.6V
V
=1.35V
3-MHzPWMMode
I
O
L =1
H
C
=10
F
m
m
O
t − Time=50
s/div
m
V =3.6V
V
=1.05V
I
O
LPFMMode
L =1
H
C
=10
F
m
m
O
t − Time=2
s/div
m
V =3.6V
V
=1.05V
I
O
LPFMMode
L =1
H
C
=10
F
m
m
O
t − Time=2
s/div
m
V =3.6V
V
=1.05V
I
O
LPFMMode
L =1
H
C
=10
F
m
m
O
TPS62350, TPS62351
TPS62352, TPS62353, TPS62354
SLVS540B – MAY 2006 – REVISED DECEMBER 2006
TYPICAL CHARACTERISTICS (continued)
LOAD TRANSIENT: 750 mA / 400 mA
LOAD TRANSIENT: 1 mA / 100 mA / 1 mA
PWM OPERATION
LFPM/PWM OPERATION
Figure 29.
Figure 30.
LOAD TRANSIENT: 1 mA / 100 mA
LOAD TRANSIENT: 100 mA / 1 mA
LPFM/PWM OPERATION
LPFM/PWM OPERATION
Figure 31.
Figure 32.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com