Electronic Components Datasheet Search
  English  ▼

X  

TPS62350 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62350
Description  800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62350 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS62350 Datasheet HTML 17Page - Texas Instruments TPS62350 Datasheet HTML 18Page - Texas Instruments TPS62350 Datasheet HTML 19Page - Texas Instruments TPS62350 Datasheet HTML 20Page - Texas Instruments TPS62350 Datasheet HTML 21Page - Texas Instruments TPS62350 Datasheet HTML 22Page - Texas Instruments TPS62350 Datasheet HTML 23Page - Texas Instruments TPS62350 Datasheet HTML 24Page - Texas Instruments TPS62350 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
www.ti.com
DETAILED DESCRIPTION
Operation
Power-Save Mode : Fast PFM
PFMModeatLightLoad
PFMRipple
PWMModeatHeavyLoad
CompLowThreshold=V NOM
O
TPS62350, TPS62351
TPS62352, TPS62353, TPS62354
SLVS540B – MAY 2006 – REVISED DECEMBER 2006
The TPS6235x is a synchronous step-down converter typically operating with a 3-MHz fixed frequency pulse
width modulation (PWM) at moderate to heavy load currents. At light load currents, the converter operates in
power-save mode with pulse frequency modulation (PFM). The device integrates two power-save modes
optimized either for ultra-high efficiency at light load (light PFM) or for transient response when turning in PWM
operation (fast PFM). Both power-save modes automatically transition to PWM operation when the load current
increases.
The TPS6235x integrates an I2C compatible interface allowing transfers up to 3.4 Mbps. This communication
interface can be used for dynamic voltage scaling with voltage steps down to 12.5 mV, for reprogramming the
mode of operation (light PFM, fast PFM or forced PWM) or disable/enabling the output voltage for instance. For
more details, refer to the I2C interface and register description section.
During PWM operation, the converter uses a unique fast response, voltage mode, control scheme with input
voltage feed-forward. This achieves best-in-class load and line response and allows the use of tiny inductors
and small ceramic input and output capacitors. At the beginning of each switching cycle, the P-channel
MOSFET switch is turned on and the inductor current ramps up until the comparator trips and the control logic
turns off the switch. The operating frequency is set to 3 MHz and can be synchronized on-the-fly to an external
oscillator or to a master dc/dc converter (refer to application examples).
The device integrates two current limits, one in the P-channel MOSFET and another one in the N-channel
MOSFET. When the current in the P-channel MOSFET reaches its current limit, the P-channel MOSFET is
turned off and the N-channel MOSFET is turned on. When the current in the N-channel MOSFET is above the
N-MOS current limit threshold, the N-channel MOSFET remains on until the current drops below its current limit.
The current limit in the N-channel MOSFET is important for small duty-cycle operation when the current in the
inductor does not decrease because of the P-channel MOSFET current limit delay, or because of start-up
conditions where the output voltage is low.
With decreasing load current, the device automatically switches into pulse skipping operation in which the power
stage operates intermittently based on load demand. By running cycles periodically, the switching losses are
minimized, and the device runs with a minimum quiescent current and maintains high efficiency.
In fast PFM mode, the converter only operates when the output voltage trips below a set threshold voltage (VO
nominal). It ramps up the output voltage with several pulses and goes into power-save mode when the inductor
current reaches zero. As a consequence in power-save mode the average output voltage is slightly higher than
its nominal value in PWM mode. The fast PFM mode is optimized for fast response when transitioning between
pulse skipping and PWM operation.
Figure 44. Operation in PFM Mode and Transfer to PWM Mode
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com