Electronic Components Datasheet Search
  English  ▼

X  

TPS62350 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62350
Description  800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62350 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS62350 Datasheet HTML 14Page - Texas Instruments TPS62350 Datasheet HTML 15Page - Texas Instruments TPS62350 Datasheet HTML 16Page - Texas Instruments TPS62350 Datasheet HTML 17Page - Texas Instruments TPS62350 Datasheet HTML 18Page - Texas Instruments TPS62350 Datasheet HTML 19Page - Texas Instruments TPS62350 Datasheet HTML 20Page - Texas Instruments TPS62350 Datasheet HTML 21Page - Texas Instruments TPS62350 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
www.ti.com
t − Time=100
s/div
m
I
=50mA
V
=1.35V
3-MHzPWMMode
O
O
L =1
H
C
=10
F
m
m
O
t − Time=10
s/div
m
I
O
500mA/div
V
=1.35V
3MHzPWMMode
O
t − Time=200ns/div
V =3.6V,V
=1.35V
I
O
I
=200mA
O
3-MHzPWMMode
L =1 H
C
=10 F
m
m
O
t − Time=50ns/div
V =3.6V,
I
V
=1.35V
O
L =1 H,
m
C
=10 F
O
m
IO =200mA
3-MHzPWMMode
TPS62350, TPS62351
TPS62352, TPS62353, TPS62354
SLVS540B – MAY 2006 – REVISED DECEMBER 2006
TYPICAL CHARACTERISTICS (continued)
COMBINED LINE/LOAD TRANSIENT
LINE TRANSIENT
(3.6 V TO 4.2 V, 400 mA TO 800 mA)
PWM OPERATION
PWM OPERATION
Figure 33.
Figure 34.
PWM OPERATION
DUTY CYCLE JITTER
Figure 35.
Figure 36.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com