Electronic Components Datasheet Search
  English  ▼

X  

TPS62350 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62350
Description  800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62350 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62350 Datasheet HTML 9Page - Texas Instruments TPS62350 Datasheet HTML 10Page - Texas Instruments TPS62350 Datasheet HTML 11Page - Texas Instruments TPS62350 Datasheet HTML 12Page - Texas Instruments TPS62350 Datasheet HTML 13Page - Texas Instruments TPS62350 Datasheet HTML 14Page - Texas Instruments TPS62350 Datasheet HTML 15Page - Texas Instruments TPS62350 Datasheet HTML 16Page - Texas Instruments TPS62350 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
www.ti.com
1.330
1.335
1.340
1.350
1.355
1.360
1.345
-30
10
0
20
30
40
50
60
70 80 85
T − AmbientTemperature
A
− C
o
-40
-20 -10
V =3.6V
I
V =2.7V
I
V =4.5V
I
I
=100mA
L =1 H
C
=10 F
O
O
m
m
3-MHzPWMMode
-4
-3
-2
0
-1
1
2
4
5
0.75
0.85
0.95
1.05
1.15
1.25
1.35
1.45
1.55
V
− DACTargetOutputVoltage
O
− V
V =3.6V
I
=100mA
3MHzPWMMode
I
O
L =1 H
C
=10 F
m
m
O
T =85 C
A
o
T =25 C
A
o
T =-40 C
A
o
3
2.7 2.9 3.1 3.3
3.7 3.9 4.1
4.5 4.7 4.9
5.5
3.5
4.3
5.1 5.3
20
25
30
35
40
45
50
V − InputVoltage
I
− V
V
=1.05V
LPFMMode
O
T =85 C
A
o
T =25 C
A
o
T =-40 C
A
o
0
1
2
3
4
5
6
7
8
9
10
V − InputVoltage
I
− V
2.7 2.9 3.1 3.3
3.7 3.9 4.1
4.5 4.7 4.9
5.5
3.5
4.3
5.1 5.3
T =85 C
A
o
T =25 C
A
o
T =-30 C
A
o
EN=High
EN_DCDCbit=0
TPS62350, TPS62351
TPS62352, TPS62353, TPS62354
SLVS540B – MAY 2006 – REVISED DECEMBER 2006
TYPICAL CHARACTERISTICS (continued)
DC OUTPUT VOLTAGE
MEASURED OUTPUT VOLTAGE
vs
vs
AMBIENT TEMPERATURE
DAC TARGET OUTPUT VOLTAGE
Figure 13.
Figure 14.
QUIESCENT CURRENT
SHUTDOWN CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 15.
Figure 16.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com