Electronic Components Datasheet Search
  English  ▼

X  

PCA8516 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA8516
Description  Stand-alone OSD
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8516 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA8516 Datasheet HTML 13Page - NXP Semiconductors PCA8516 Datasheet HTML 14Page - NXP Semiconductors PCA8516 Datasheet HTML 15Page - NXP Semiconductors PCA8516 Datasheet HTML 16Page - NXP Semiconductors PCA8516 Datasheet HTML 17Page - NXP Semiconductors PCA8516 Datasheet HTML 18Page - NXP Semiconductors PCA8516 Datasheet HTML 19Page - NXP Semiconductors PCA8516 Datasheet HTML 20Page - NXP Semiconductors PCA8516 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
1995 Mar 30
17
Philips Semiconductors
Preliminary specification
Stand-alone OSD
PCA8516
9.3.2
CARRIAGE RETURN CODE ATTRIBUTES
Command 2 when used in conjunction with the Carriage
Return Code (FEH) determines the size of characters to be
displayed on the next line, sets the spacing between lines
of characters and enables/disables the display.
The character size is also a function of the TV scanning
standard being used and fOSD; this is explained in
Chapter 12.
Table 14 Selection of character size
Table 15 Selection of line spacing
Table 16 End of display control
9.3.3
SPACE CODE ATTRIBUTES
Command 2 when used in conjunction with the Space
Code (FFH) selects the background colour of characters in
Box shadowing or North-West shadowing modes and also
controls the Active Character Monitor pin. The ACM pin will
remain active until a Space Code is received that resets
the ACM bit to logic 0. The ACM timing diagram is shown
in Fig.10.
T4
T3
CHARACTER DOT SIZE
0
0
1H/1V (the default size)
0
1
2H/2V
1
0
3H/3V
1
1
4H/4V
T2
T1
LINE SPACING
(BETWEEN TWO ROWS)
0
0
0H line
0
1
4H line
1
0
8H line
1
1
12H line
T0
DISPLAY CONTROL
0
Continue to display next character. This
is also the default setting.
1
End of display.
Table 17 Selection of Background colour
Table 18 ACM control
T4
T3
T2
T1
RGB
I
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
T0
ACM PIN
0
The ACM pin is inactive; this is also the
default setting.
1
The ACM function is active for all
characters displayed following this
Space Code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com