Electronic Components Datasheet Search
  English  ▼

X  

PCA8516 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA8516
Description  Stand-alone OSD
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8516 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA8516 Datasheet HTML 15Page - NXP Semiconductors PCA8516 Datasheet HTML 16Page - NXP Semiconductors PCA8516 Datasheet HTML 17Page - NXP Semiconductors PCA8516 Datasheet HTML 18Page - NXP Semiconductors PCA8516 Datasheet HTML 19Page - NXP Semiconductors PCA8516 Datasheet HTML 20Page - NXP Semiconductors PCA8516 Datasheet HTML 21Page - NXP Semiconductors PCA8516 Datasheet HTML 22Page - NXP Semiconductors PCA8516 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
1995 Mar 30
19
Philips Semiconductors
Preliminary specification
Stand-alone OSD
PCA8516
9.4
Command 3
Table 19 Command 3 format
Command 3 loads the DCR Address Register with the
4 MSBs of the RAM address to which data will be written.
9.5
Command 4
Table 20 Command 4 format
Command 4 loads the DCR Address Register with the
4 LSBs of the RAM address to which data will be written.
9.6
Command 5
Table 21 Command 5 format
Command 5 is used to load character data into the DCR
Character Register. The data will specify either a
Character Font Code, the Test Code, the Carriage Return
Code or the Space Code. These codes are explained in
detail in Section 8.1.
9.7
Command 6
Table 22 Command 6 format
Command 6 loads the programmable 6-bit counter of the
OSD clock oscillator. The output frequency (fOSD) is a
function of the decimal value of the 6-bits loaded in by
Command 6; see Chapter 11.
BS1
BS0
76543210
0
0
0
0
1
1
A7
A6
A5
A4
BS1
BS0
76543210
0
0
0
0
1
1
A3
A2
A1
A0
BS1
BS0
76543210
1
0
1
C6C5C4C3C2C1C0
BS1
BS0
76543210
0
1
0
0
D5
D4
D3
D2
D1
D0
9.8
Command 7
Table 23 Command 7 format
This command loads Control Register 1 with data that
selects the scanning mode, the output polarity of signals
FB, ACM, R, G, B and I, and also enables/disables the
OSD clock.
With reference to the scanning modes: 1V/2V is the
conventional NTSC or PAL scanning mode; 1V/2H is the
Line Progress Scan used for the IDTV in NTSC and 2V/2H
is for the PAL system and is known as 50 Hz to 100 Hz
scan conversion.
Table 24 Selection of Scanning Mode
Table 25 Selection of output polarity (see Fig.13)
Table 26 OSD clock control
BS1
BS0
76543210
0
1
0
1
0
0
M1
M0
Bp
EN
M1
M0
SCAN MODE
0
0
1V/1H; NTSC 525LPF/60 Hz or
PAL 625LPF/50 Hz; see Fig.11. This is
the default setting.
0
1
reserved
1
0
1V/2H; NTSC 1050LPF/60 Hz; see
Fig.11.
1
1
2V/2H; PAL 1250LPF/100 Hz; see
Fig.12.
Bp
OUTPUT POLARITY (FB, ACM, R, G, B, I)
0
active LOW
1
active HIGH (the default setting)
EN
OSD CLOCK
0
disabled (the default setting)
1
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com