Electronic Components Datasheet Search
  English  ▼

X  

PCA8516 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCA8516
Description  Stand-alone OSD
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8516 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCA8516 Datasheet HTML 31Page - NXP Semiconductors PCA8516 Datasheet HTML 32Page - NXP Semiconductors PCA8516 Datasheet HTML 33Page - NXP Semiconductors PCA8516 Datasheet HTML 34Page - NXP Semiconductors PCA8516 Datasheet HTML 35Page - NXP Semiconductors PCA8516 Datasheet HTML 36Page - NXP Semiconductors PCA8516 Datasheet HTML 37Page - NXP Semiconductors PCA8516 Datasheet HTML 38Page - NXP Semiconductors PCA8516 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
1995 Mar 30
35
Philips Semiconductors
Preliminary specification
Stand-alone OSD
PCA8516
9.11
Command A
Table 33 Command A format
Command A loads Control Register 4 with data that
determines the function of pin 2 (P04/ACM(VOB2)).
Table 34 Selection of P04 or ACM
9.12
Commands B, C and D
Table 35 Command B format
Table 36 Command C format
Table 37 Command D format
These three commands determine the vertical and
horizontal start positions of the display. 64 vertical and
64 horizontal start positions can be selected. After a
master reset, starting positions are not guaranteed and
therefore must be programmed by the user. The horizontal
start position (HP) and the vertical start position (VP) may
be calculated as follows:
Where (H5
→ H0) is the decimal value of these 6 bits and
(H5
→ H0) ≥ 4.
Where (V5
→ V0) is the decimal value of these 6 bits and
(V5
→ V0) ≥ 0.
BS1
BS0
76543210
0
1
01110
A/P
00
A/P
PIN FUNCTION
0
P04 is selected as an output port. Data is
written to this port using Command E. This is
also the default setting.
1
ACM function selected; can also be used as the
5th colour signal.
BS1
BS0
76543210
0
1
1
0
0
1
V5
V4
V3
V2
BS1
BS0
76543210
0
1
1
0
1
0
V1
V0
H5
H4
BS1
BS0
76543210
0
1
1
0
1
1
H3
H2
H1
H0
HP
4
H5
H0
→
() 5
+
×
[] f
OSD
×
=
VP
4
V5
V0
→
()
×
[] number of scan lines
×
=
9.13
Command E
When output ports P00, P01 and P04 are enabled,
Command E is used to write data to them.
Table 38 Command E format
9.14
Command F
Table 39 Command F format
This command loads Control Register 5 with data that
determines the background colour in Frame shadowing
mode.
9.15
Command G
Table 40 Command G format
Command G is used to enable/disable the OSD horizontal
stabilization circuit, to select the Half-tone mode and to
select the character size of the first line.
In the Half-tone mode, excellent semi-transparent
half-tone effects can be obtained with OSD frequencies in
the range 4 to 7 MHz. This mode also enhances the
background colour with intensity output. For further details
on the half-tone effect refer to the
“The programming guide
for the PCA8516” report number MICT/AN9402.
Table 41 Horizontal stabilization circuit control
Table 42 Selection of Half-tone mode
BS1
BS0
7
6
5
4
3
2
1
0
0
1
1
1
X
P04
X
X
P01
P00
BS1
BS0
76543210
0
0
0100
R
G
B
I
BS1
BS0
7
6
5
4
3
2
1
0
0
0
0
1
0
1
HM3 HT2
FS1
FS0
HM3
STATE OF STABILIZATION CIRCUIT
0
Stabilization circuit disabled (the default state).
1
Horizontal stabilization circuit enabled.
HT2
HALF-TONE MODE
0
Half-tone mode not selected (the default state).
1
Half-tone mode available when ACM bit = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com