Electronic Components Datasheet Search
  English  ▼

X  

PCA8516 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCA8516
Description  Stand-alone OSD
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8516 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCA8516 Datasheet HTML 16Page - NXP Semiconductors PCA8516 Datasheet HTML 17Page - NXP Semiconductors PCA8516 Datasheet HTML 18Page - NXP Semiconductors PCA8516 Datasheet HTML 19Page - NXP Semiconductors PCA8516 Datasheet HTML 20Page - NXP Semiconductors PCA8516 Datasheet HTML 21Page - NXP Semiconductors PCA8516 Datasheet HTML 22Page - NXP Semiconductors PCA8516 Datasheet HTML 23Page - NXP Semiconductors PCA8516 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
1995 Mar 30
20
Philips Semiconductors
Preliminary specification
Stand-alone OSD
PCA8516
handbook, full pagewidth
262.5 lines
262.5 lines
VSYNC
HSYNC
(a) Conventional NTSC 1V/1H
VSYNC
HSYNC
525 lines
525 lines
(b) NTSC 1V/2H
MRA834
f
= 15734 Hz
HSYNC
f
= 31468 Hz
HSYNC
f
= 60 Hz
VSYNC
f
= 60 Hz
VSYNC
f
= 60 Hz
VSYNC
f
= 60 Hz
VSYNC
Fig.11 NTSC scan formats.
handbook, full pagewidth
312.5 lines
VSYNC
HSYNC
(a) Conventional PAL 1V/1H
VSYNC
HSYNC
(b) PAL 2V/2H
312.5 lines
312.5 lines
312.5 lines
312.5 lines
MRA835
312.5 lines
f
= 15625 Hz
HSYNC
f
= 31250 Hz
HSYNC
f
= 50 Hz
VSYNC
f
= 50 Hz
VSYNC
f
= 100 Hz
VSYNC
f
= 100 Hz
VSYNC
f
= 100 Hz
VSYNC
f
= 100 Hz
VSYNC
Fig.12 PAL scan formats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com