Electronic Components Datasheet Search
  English  ▼

X  

PCA8516 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCA8516
Description  Stand-alone OSD
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8516 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCA8516 Datasheet HTML 32Page - NXP Semiconductors PCA8516 Datasheet HTML 33Page - NXP Semiconductors PCA8516 Datasheet HTML 34Page - NXP Semiconductors PCA8516 Datasheet HTML 35Page - NXP Semiconductors PCA8516 Datasheet HTML 36Page - NXP Semiconductors PCA8516 Datasheet HTML 37Page - NXP Semiconductors PCA8516 Datasheet HTML 38Page - NXP Semiconductors PCA8516 Datasheet HTML 39Page - NXP Semiconductors PCA8516 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
1995 Mar 30
36
Philips Semiconductors
Preliminary specification
Stand-alone OSD
PCA8516
Table 43 Selection of the character size for the first line
10 MISCELLANEOUS
10.1
Space and Carriage Return Codes in different
Background/Shadowing modes
Figures 30 to 34 show the Space Code and Carriage
Return Code in the 4 different Background/Shadowing
modes:
• Mode 0: the No background mode. Both the Space
Code and the Carriage Return Code are displayed as
transparent (no bit) patterns with the video signal as the
background. This is shown in Fig.30.
• Mode 1: the North-West shadowing mode. Both codes
are displayed in the same manner as for Mode 0. This is
shown in Fig.31.
• Mode 2: the Box shadowing mode. The Space Code is
displayed as an opaque pattern with a selected
background colour. This will also be the background
colour of the character following the Space Code. The
Carriage Return Code however, is displayed as a
transparent (no bit) pattern superimposed on the video
signal. This is shown in Fig.32.
The Space Code can also be displayed as a transparent
pattern on the video signal, and this is shown in Fig.33.
The choice of whether the Space Code displays an
opaque pattern or a transparent pattern is mask
programmable.
• Mode 3: the Frame shadowing mode. The Space Code
and Carriage Return Code are displayed as transparent
patterns with background colour. This is shown in
Fig.34.
FS1
FS0
CHARACTER DOT SIZE
0
0
1H/1V (the default size)
0
1
2H/2V
1
0
3H/3V
1
1
4H/4V
10.2
Combination of character font cells
Two (or more) character font cells may be combined in a
horizontal or vertical direction to create a new higher
resolution pattern.
The combination of two cells in a horizontal direction is
straight forward and requires no special precautions to be
taken. When combining character cells in this manner all
4 Background/Shadowing modes are available. An
example of combining two character font cells in a
horizontal direction is shown in Fig.35.
However, the combination of two character font cells in a
vertical direction is more difficult and care must be taken;
otherwise, the new pattern may be created with gaps in its
shadowing. An example of a character pattern with gaps is
shown in Fig.37. Providing the steps listed below are
followed no problems with shadowing will occur.
• The line spacing between two rows of characters must
be programmed to 0H. This procedure is explained in
Section 9.3.2.
• If the North-West shadowing mode is selected then
when combining two character cells in a vertical
direction Row 0 must contain the same bit pattern as
held in Row 18 of the character directly above it. This is
shown in Fig.38.
• If North-West shadowing is not required then Row 0
should contain all zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com