Electronic Components Datasheet Search
  English  ▼

X  

AXP188 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AXP188
Description  Single Cell Li-Battery and Power System Management IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AXP188 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AXP188 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 18/46
Single Cell Li-Battery -and Power System Management IC
AXP188
7.管脚定义(Pin Description)
Num
Name
Type
Condition
Function Description
1
LX2
IO
Connect to the inductor of DC-DC2
2
VIN2
I
DC-DC2 input source
MODE=LOW (AGND)
Data pin for serial interface
3
SDA/BD1
IO
MODE=HIGH(AIPS)
BAT voltage output data bit1
MODE=LOW (AGND)
Clock pin for serial interface
4
SCK/BD0
IO
MODE=HIGH(AIPS)
BAT voltage output data bit0
5
CDLP
NC
6
CDLN
NC
7
CDRP
NC
8
CDRN
NC
MODE=LOW (AGND)
IRQ output, connect to Host
9
IRQ
IO
MODE=HIGH(AIPS)
Charger enable/disable input,
0: charger enable; 1: disable
10
AGND
G
Analog Ground
11
VREF
A
Connect a 0.1uF bypass cap to AGND
12
AIPS
P
Analog Power
13
BIAS
A
Connect a 200Kohm Resistor to AGND
14
PWROK
IO
Power good indication and reset
15
PWREN
I
Power enable input (Chip enable)
16
DCDC3
I
Feed back to DC-DC3
17
PGND3
G
GND for DC-DC3
18
LX3
IO
Connect to the inductor of DC-DC3
19
VIN3
I
DC-DC3 and LDO3 input source
20
LDO3
O
Output from LDO3
21
CHGLED
O
charger status indication (to Drive LED)
Hi-Z: not charging
25% duty 1Hz toggle: charger warning
25% duty 4Hz toggle: over voltage warning
Drive Low: charging
22
LDO1
O
LDO1 output, (RTC power supply)
23
GND
GND
24
TS
I
Battery temperature sense input
25
DC3SET
I
Select output voltage of DC-DC3 and LDO3,
=HIGH(IPSOUT): DC-DC3 is about 2.5V and
LDO3 is about 1.8V
=LOW(GND): LDO3 is about 2.5V and
DC-DC3 is about 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com