Electronic Components Datasheet Search
  English  ▼

X  

AXP188 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AXP188
Description  Single Cell Li-Battery and Power System Management IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AXP188 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AXP188 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 8/46
Single Cell Li-Battery -and Power System Management IC
AXP188
SYNMBOL
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
OFF Mode Current
IBATOFF
Current on OFF Mode
BAT=3.7V,
DCIN=0V
78
µA
ISUSPEND
VBUS current on USB
suspend Mode
BAT=3.7V,
DCIN=5V,
REG01_[7]=0
0
µA
Logic (PWROK, PWREN, …)
VIL
Logic Low Input Voltage
0.2VCC
V
VIH
Logic High Input Voltage
0.8VCC
V
TWSI
VCC
Input Supply Voltage
3.3
V
ADDRESS
TWI Address
2C
fSCL
Clock Operating Frequency
100
400
kHZ
tf
Clock Data Fall Time
2.2Kohm Pull High
60
ns
tr
Clock Data Rise Time
2.2Kohm Pull High
100
ns
DCDC
fOSC
Oscillator Frequency
Default
1.5
MHz
DCDC1
IVIN1
Input Current
PFM Mode
IDC1OUT =0
30
µA
ILIM1
PMOS Switch Current Limit
PWM Mode
1400
mA
PWM Mode
1100
IDC1OUT
Available Output Current
Inductance-less
Mode
600
mA
VDC1OUT
Output Voltage
Default
-1%
3.3
1%
V
DCDC2
IVIN2
Input Current
PFM Mode
IDC2OUT =0
30
µA
ILIM2
PMOS Switch Current Limit
PWM Mode
1000
mA
IDC2OUT
Available Output Current
PWM Mode
950
mA
DCDC3
IVIN3
Input Current
PFM Mode
IDC3OUT =0
30
uA
ILIM3
PMOS Switch Current Limit
PWM Mode
1000
mA
IDC3OUT
Available Output Current
PWM Mode
900
mA
DC3SET=High
2.5
VDC3OUT
Output Voltage Range
DC3SET=Low
-1%
1.8
1%
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com