Electronic Components Datasheet Search
  English  ▼

X  

AXP188 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AXP188
Description  Single Cell Li-Battery and Power System Management IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AXP188 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AXP188 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 19/46
Single Cell Li-Battery -and Power System Management IC
AXP188
Num
Name
Type
Condition
Function Description
26
ACINEN
I
To indicate DCIN from Wall-Adapter
27
LDO5
O
Output from LDO5
28
LDO2
O
Output from LDO2
29
LDO4
O
Output from LDO4
30
DCIN
I
External
Power
Source
input
(5.0V
recommended)
31
32
IPSOUT
O
Selected System Power Source
33
BAT
IO
Connect to Li-Battery
34
PGND1
G
Ground for DC-DC1
35
LX1
IO
Connect to the inductor of DC-DC1
36
VIN1
I
DC-DC1 input source
37
DCDC1
I
DC-DC1 feedback pin
MODE=LOW(AGND)
Power Switch output
38
SW1
O
MODE=HIGH(AIPS)
DCIN VHOLD voltage hold function control
0: not hold; 1: hold
39
SW2
O
Power Switch output
40
VBUSEN
I
To indicate USB-Host VBUS enabled
41
CDOUTPL
O
Power Driver 1
42
CDOUTNL
O
Power Driver 2
43
CDPWR
I
Connect to IPSOUT
44
CDGND
G
GND
45
CDOUTPR
O
Power Driver 3
46
CDOUTNR
O
Power Driver 4
47
DCDC2
I
DC-DC2 feedback pin
48
PGND2
G
Ground for DC-DC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com