Electronic Components Datasheet Search
  English  ▼

X  

AS4SD16M16 Datasheet(PDF) 28 Page - Austin Semiconductor

Part # AS4SD16M16
Description  256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD16M16 Datasheet(HTML) 28 Page - Austin Semiconductor

Back Button AS4SD16M16 Datasheet HTML 24Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 25Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 26Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 27Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 28Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 29Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 30Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 31Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 32Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD16M16
Austin Semiconductor, Inc.
AS4SD16M16
Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
28
CAPACITANCE2
PARAMETER
SYM
MIN
MAX
UNITS
NOTES
Input Capacitance: CLK
CI1
2
4
pF
29
Input Capacitance: All other input-only pins
CI2
2
4
pF
30
Input/Output Capacitance: DQs
CIO
4.0
6.0
pF
31
AC FUNCTIONAL CHARACTERISTICS5,6,7,8,9,11
SYMBOL
-75
UNITS
NOTES
tCCD
1
tCK
17
tCKED
1
tCK
14
tPED
1
tCK
14
tDQD
0
tCK
17
tDQM
0
tCK
17
tDQZ
2
tCK
17
tDWD
0
tCK
17
tDAL
5
tCK
15, 21
tDPL
2
tCK
16, 21
tBDL
1
tCK
17
tCDL
1
tCK
17
tRDL
2
tCK
16, 21
tMRD
2
tCK
26
CL = 3
tROH(3)
3
tCK
17
CL = 2
tROH(2)
2
tCK
17
PARAMETER
LOAD MODE REGISTER command to ACTIVE or REFRESH command
Data-out to high-impedance from PRECHARGE command
DQM to input data delay
CKE to clock enable or power-down exit setup mode
CKE to clock disable or power-down entry mode
READ/WRITE command to READ/WRITE command
DQM to data high-impedance during READs
WRITE command to input data delay
Data-in to ACTIVE command
DQM to data mask during WRITEs
Last data-in to PRECHARGE command
Last data-in to new READ/WRITE command
Last data-in to burst STOP command
Data-in to PRECHARGE command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com