Electronic Components Datasheet Search
  English  ▼

X  

AS4SD16M16 Datasheet(PDF) 32 Page - Austin Semiconductor

Part # AS4SD16M16
Description  256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD16M16 Datasheet(HTML) 32 Page - Austin Semiconductor

Back Button AS4SD16M16 Datasheet HTML 28Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 29Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 30Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 31Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 32Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 33Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 34Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 35Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 36Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD16M16
Austin Semiconductor, Inc.
AS4SD16M16
Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
32
POWER DOWN MODE1
*CAS latency indicated in parentheses.
NOTES:
1. Violating refresh requirements during power-down may result in loss of data.
TIMING PARAMETERS
MIN
MAX
MIN
MAX
tAH
0.8
ns
tCK(2)
10
ns
tAS
1.5
ns
tCKH
0.8
ns
tCH
2.5
ns
tCKS
1.5
ns
tCL
2.5
ns
tCMH
0.8
ns
tCK(3)
7ns
tCMS
1.5
ns
-75
UNITS
-75
SYMBOL*
UNITS
SYMBOL*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com